Electronic Components Datasheet Search
  English  ▼

X  

SH7201 Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 111Page - Renesas Technology Corp SH7201 Datasheet HTML 112Page - Renesas Technology Corp SH7201 Datasheet HTML 113Page - Renesas Technology Corp SH7201 Datasheet HTML 114Page - Renesas Technology Corp SH7201 Datasheet HTML 115Page - Renesas Technology Corp SH7201 Datasheet HTML 116Page - Renesas Technology Corp SH7201 Datasheet HTML 117Page - Renesas Technology Corp SH7201 Datasheet HTML 118Page - Renesas Technology Corp SH7201 Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 1196 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 2.00 Sep. 07, 2007 Page 87 of 1164
REJ09B0321-0200
4.5
Changing the Frequency
The frequency of the internal clock (I
φ) and peripheral clock (Pφ) can be changed either by
changing the multiplication rate of PLL circuit 1 or by changing the division rates of divider. All
of these are controlled by software through the frequency control register (FRQCR). The methods
are described below.
4.5.1
Changing the Multiplication Rate
A PLL settling time is required when the multiplication rate of PLL circuit 1 is changed. The on-
chip WDT counts the settling time.
1. In the initial state, the multiplication rate of PLL circuit 1 is 1 time.
2. Set a value that will become the specified oscillation settling time in the WDT and stop the
WDT. The following must be set:
WTCSR.TME
= 0: WDT stops
WTCSR.CKS[2:0]: Division ratio of WDT count clock
WTCNT counter: Initial counter value
3. Set the desired value in the STC[2:0] bits. The division ratio can also be set in the IFC[2:0] and
PFC[2:0] bits.
4. This LSI pauses temporarily and the WDT starts incrementing. The internal and peripheral
clocks both stop and the WDT is supplied with the clock. The clock will continue to be output
at the CKIO pin. This state is the same as software standby mode. Whether or not registers are
initialized depends on the module. For details, see section 25, Power-Down Modes.
5. Supply of the clock that has been set begins at WDT count overflow, and this LSI begins
operating again. The WDT stops after it overflows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com