Electronic Components Datasheet Search
  English  ▼

X  

SH7201 Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 114Page - Renesas Technology Corp SH7201 Datasheet HTML 115Page - Renesas Technology Corp SH7201 Datasheet HTML 116Page - Renesas Technology Corp SH7201 Datasheet HTML 117Page - Renesas Technology Corp SH7201 Datasheet HTML 118Page - Renesas Technology Corp SH7201 Datasheet HTML 119Page - Renesas Technology Corp SH7201 Datasheet HTML 120Page - Renesas Technology Corp SH7201 Datasheet HTML 121Page - Renesas Technology Corp SH7201 Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 1196 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 2.00 Sep. 07, 2007 Page 90 of 1164
REJ09B0321-0200
4.6.4
Note on Using a PLL Oscillation Circuit
In the PLLVcc and PLLVss connection pattern for the PLL, signal lines from the board power
supply pins must be as short as possible and pattern width must be as wide as possible to reduce
inductive interference.
In clock operating mode 3, the EXTAL pin is pulled up and the XTAL pin is left open.
Since the analog power supply pins of the PLL are sensitive to the noise, the system may
malfunction due to inductive interference at the other power supply pins. To prevent such
malfunction, the analog power supply pin Vcc and the digital power supply pins VccR and PVcc
should not supply the same resources on the board if at all possible.
PLLVcc
PLLVss
Vcc
Vss
Power supply
Signal lines prohibited
Figure 4.4 Note on Using PLL Oscillation Circuit
4.6.5
Note on Changing the Multiplication Rate
If the multiplication rate is changed by the frequency control register (FRQCR) during transfer by
the DMAC, the DMAC stops its operation without waiting for the completion of the transfer.
Thus, the DMA transfer is not guaranteed. Therefore, when changing the multiplication rate with
the frequency control register (FRQCR), wait for the completion of the DMA transfer or stop the
DMA transfer to change the setting of the frequency control register (FRQCR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com