Electronic Components Datasheet Search
  English  ▼

X  

SH7201 Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 113Page - Renesas Technology Corp SH7201 Datasheet HTML 114Page - Renesas Technology Corp SH7201 Datasheet HTML 115Page - Renesas Technology Corp SH7201 Datasheet HTML 116Page - Renesas Technology Corp SH7201 Datasheet HTML 117Page - Renesas Technology Corp SH7201 Datasheet HTML 118Page - Renesas Technology Corp SH7201 Datasheet HTML 119Page - Renesas Technology Corp SH7201 Datasheet HTML 120Page - Renesas Technology Corp SH7201 Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 1196 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 2.00 Sep. 07, 2007 Page 89 of 1164
REJ09B0321-0200
4.6.2
Note on Using Crystal Resonator
Place the crystal resonator and capacitors CL1 and CL2 as close to the XTAL and EXTAL pins as
possible. In addition, to minimize induction and thus obtain oscillation at the correct frequency,
the capacitors to be attached to the resonator must be grounded to the same ground. Do not bring
wiring patterns close to these components.
CL1
CL2
EXTAL
XTAL
Signal lines prohibited
This LSI
The values for CL1 and CL2
should be determined after
consultation with the crystal
resonator manufacturer.
Note:
Reference value
CL1 = 10 to 22 pF
CL2 = 10 to 22 pF
Figure 4.3 Note on Using Crystal Resonator
4.6.3
Note on Resonator
Since various characteristics related to the resonator are closely linked to the user's board design,
thorough evaluation is necessary on the user's part, using the resonator connection examples
shown in this section as a guide. As the parameters for the oscillation circuit will depend on the
floating capacitance of the resonator and the user board, the parameters should be determined in
consultation with the resonator manufacturer. The design must ensure that a voltage exceeding the
maximum rating is not applied to the resonator pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com