Electronic Components Datasheet Search
  English  ▼

X  

SH7201 Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 125Page - Renesas Technology Corp SH7201 Datasheet HTML 126Page - Renesas Technology Corp SH7201 Datasheet HTML 127Page - Renesas Technology Corp SH7201 Datasheet HTML 128Page - Renesas Technology Corp SH7201 Datasheet HTML 129Page - Renesas Technology Corp SH7201 Datasheet HTML 130Page - Renesas Technology Corp SH7201 Datasheet HTML 131Page - Renesas Technology Corp SH7201 Datasheet HTML 132Page - Renesas Technology Corp SH7201 Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 1196 page
background image
Section 5 Exception Handling
Rev. 2.00 Sep. 07, 2007 Page 101 of 1164
REJ09B0321-0200
5.3
Address Errors
5.3.1
Address Error Sources
Address errors occur when instructions are fetched or data read or written, as shown in table 5.7.
Table 5.7
Bus Cycles and Address Errors
Bus Cycle
Type
Bus
Master
Bus Cycle Description
Address Errors
Instruction fetched from even address
None (normal)
Instruction fetched from odd address
Address error occurs
Instruction fetched from area other than
H'F0000000 to H'F5FFFFFFF in cache
address array space*
1
None (normal)
Instruction
fetch
CPU
Instruction fetched from H'F0000000 to
H'F5FFFFFFF in cache address array
space*
1
Address error occurs
Word data accessed from even address
None (normal)
Word data accessed from odd address
Address error occurs
Longword data accessed from a
longword boundary
None (normal)
Longword data accessed from other than
a long-word boundary
Address error occurs
Byte or word data accessed in on-chip
peripheral module space*
2
None (normal)
Longword data accessed in 16-bit on-
chip peripheral module space*
2
None (normal)
Data
read/write
CPU
Longword data accessed in 8-bit on-chip
peripheral module space*
2
None (normal)
Notes: 1. For details on cache address array space, see section 8, Cache.
2. For details on peripheral module space, see section 9, Bus State Controller (BSC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com