Electronic Components Datasheet Search
  English  ▼

X  

SH7201 Datasheet(PDF) 198 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 198 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 194Page - Renesas Technology Corp SH7201 Datasheet HTML 195Page - Renesas Technology Corp SH7201 Datasheet HTML 196Page - Renesas Technology Corp SH7201 Datasheet HTML 197Page - Renesas Technology Corp SH7201 Datasheet HTML 198Page - Renesas Technology Corp SH7201 Datasheet HTML 199Page - Renesas Technology Corp SH7201 Datasheet HTML 200Page - Renesas Technology Corp SH7201 Datasheet HTML 201Page - Renesas Technology Corp SH7201 Datasheet HTML 202Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 1196 page
background image
Section 7 User Break Controller (UBC)
Rev. 2.00 Sep. 07, 2007 Page 170 of 1164
REJ09B0321-0200
7.3.6
Break Control Register (BRCR)
BRCR sets the following conditions:
1. Specifies whether a start of user break interrupt exception processing by instruction fetch cycle
is set before or after instruction execution.
2. Specifies the pulse width of the
UBCTRG output when a break condition is satisfied.
BRCR is a 32-bit readable/writable register that has break condition match flags and bits for
setting other break conditions. For the condition match flags of bits 15 to 12, writing 1 is invalid
(previous values are retained) and writing 0 is only possible. To clear the flag, write 0 to the flag
bit to be cleared and 1 to all other flag bits. BRCR is initialized to H'00000000 by a power-on
reset and in deep standby, but retains its previous value by a manual reset or in software standby
mode or sleep mode.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
RRRRRRRRRRRRRR
R/W
R/W
0000000000000000
R/W
R/W
R/W
R/W
R
R
R
R
R
R/W
R/W
R
R
R
R
R
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:




CKS[1:0]
SCMFC
0
SCMFC
1
SCMFD
0
SCMFD
1
PCB1 PCB0
Bit
Bit Name
Initial
Value
R/W
Description
31 to 18
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
17, 16
CKS[1:0]
00
R/W
Clock Select
Specifies the pulse width output to the
UBCTRG pin
when a break condition is satisfied.
00: Pulse width of
UBCTRG is one bus clock cycle
01: Pulse width of
UBCTRG is two bus clock cycles
10: Pulse width of
UBCTRG is four bus clock cycles
11: Pulse width of
UBCTRG is eight bus clock cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com