Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 388 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 388 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 384Page - Renesas Technology Corp SH7101 Datasheet HTML 385Page - Renesas Technology Corp SH7101 Datasheet HTML 386Page - Renesas Technology Corp SH7101 Datasheet HTML 387Page - Renesas Technology Corp SH7101 Datasheet HTML 388Page - Renesas Technology Corp SH7101 Datasheet HTML 389Page - Renesas Technology Corp SH7101 Datasheet HTML 390Page - Renesas Technology Corp SH7101 Datasheet HTML 391Page - Renesas Technology Corp SH7101 Datasheet HTML 392Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 388 / 560 page
background image
Section 12 Compare Match Timer (CMT)
Rev.1.00 Sep. 18, 2008 Page 354 of 522
REJ09B0069-0100
12.2.3
Compare Match Timer Counters_0 and 1 (CMCNT_0, CMCNT_1)
CMCNT is a 16-bit register used as an up-counter for generating interrupt requests. CMCNT is
initialized to H'0000.
12.2.4
Compare Match Timer Constant Registers_0 and 1 (CMCOR_0, CMCOR_1)
CMCOR is a 16-bit register that sets the period for compare match with CMCNT. CMCOR is
initialized to H'FFFF.
12.3
Operation
12.3.1
Cyclic Count Operation
When an internal clock is selected with the CKS1 and CKS0 bits in CMCSR and the STR bit in
CMSTR is set to 1, CMCNT begins incrementing with the selected clock. When the CMCNT
counter value matches that of the compare match constant register (CMCOR), the CMCNT
counter is cleared to H'0000 and the CMF flag in CMCSR is set to 1. If the CMIE bit in CMCSR
is set to 1 at this time, a compare match interrupt (CMI) is requested. The CMCNT counter begins
counting up again from H'0000.
Figure 12.2 shows the compare match counter operation.
CMCNT value
CMCOR
H'0000
Counter cleared by CMCOR
compare match
Time
Figure 12.2 Counter Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com