Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 389 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 389 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 385Page - Renesas Technology Corp SH7101 Datasheet HTML 386Page - Renesas Technology Corp SH7101 Datasheet HTML 387Page - Renesas Technology Corp SH7101 Datasheet HTML 388Page - Renesas Technology Corp SH7101 Datasheet HTML 389Page - Renesas Technology Corp SH7101 Datasheet HTML 390Page - Renesas Technology Corp SH7101 Datasheet HTML 391Page - Renesas Technology Corp SH7101 Datasheet HTML 392Page - Renesas Technology Corp SH7101 Datasheet HTML 393Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 560 page
background image
Section 12 Compare Match Timer (CMT)
Rev.1.00 Sep. 18, 2008 Page 355 of 522
REJ09B0069-0100
12.3.2
CMCNT Count Timing
One of four internal clocks (P
φ/8, Pφ/32, Pφ/128, Pφ/512) obtained by dividing the peripheral
clock (P
φ) can be selected by the CKS1 and CKS0 bits in CMCSR. Figure 12.3 shows the timing.
P
φ
Internal
clock
CMCNT
input clock
CMCNT
N-1
N
N+1
Figure 12.3 Count Timing
12.4
Interrupts
12.4.1
Interrupt Sources
The CMT has a compare match interrupt for each channel, with independent vector addresses
allocated to each of them. The corresponding interrupt request is output when the interrupt request
flag (CMF) is set to 1 and interrupt enable bit (CMIE) has also been set to 1.
When activating CPU interrupts by an interrupt request, the priority between the channels can be
changed by means of interrupt controller settings. See section 6, Interrupt Controller (INTC), for
details.
12.4.2
Compare Match Flag Set Timing
The CMF bit in CMCSR is set to 1 by the compare match signal generated when CMCOR and
CMCNT match. The compare match signal is generated upon the final state of the match (timing
at which the CMCNT matching count value is updated). Consequently, after CMCOR and
CMCNT match, a compare match signal will not be generated until a CMCNT counter input clock
occurs. Figure 12.4 shows the CMF bit set timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com