Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 422 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 422 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 418Page - Renesas Technology Corp SH7101 Datasheet HTML 419Page - Renesas Technology Corp SH7101 Datasheet HTML 420Page - Renesas Technology Corp SH7101 Datasheet HTML 421Page - Renesas Technology Corp SH7101 Datasheet HTML 422Page - Renesas Technology Corp SH7101 Datasheet HTML 423Page - Renesas Technology Corp SH7101 Datasheet HTML 424Page - Renesas Technology Corp SH7101 Datasheet HTML 425Page - Renesas Technology Corp SH7101 Datasheet HTML 426Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 422 / 560 page
background image
Section 13 Motor Management Timer (MMT)
Rev.1.00 Sep. 18, 2008 Page 388 of 522
REJ09B0069-0100
(1) Input Level Control/Status Register 2 (ICSR2)
ICSR2 is a 16-bit readable/writable register that selects the input mode for pins
POE4 to POE6,
controls enabling or disabling of interrupts, and holds status information.
Bit
Bit Name
Initial
Value
R/W
Description
15
⎯
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
14
POE6F
0
R/(W)*
POE6 Flag
Indicates that a high impedance request has been input
to the
POE6 pin.
[Clearing condition]
• When 0 is written to POE6F after reading POE6F =
1
[Setting condition]
• When the input set by bits 4 and 5 in ICSR2 occurs
at the
POE6 pin
13
POE5F
0
R/(W)*
POE5 Flag
Indicates that a high impedance request has been input
to the
POE5 pin.
[Clearing condition]
• When 0 is written to POE5F after reading POE5F =
1
[Setting condition]
• When the input set by bits 2 and 3 in ICSR2 occurs
at the
POE5 pin
12
POE4F
0
R/(W)*
POE4 Flag
Indicates that a high impedance request has been input
to the
POE4 pin.
[Clearing condition]
• When 0 is written to POE4F after reading POE4F =
1
[Setting condition]
• When the input set by bits 0 and 1 in ICSR2 occurs
at the
POE4 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com