| Electronic Components Datasheet Search |
|
SH7101 Datasheet(PDF) 423 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7101 Datasheet(HTML) 423 Page - Renesas Technology Corp |
|
423 / 560 page ![]() Section 13 Motor Management Timer (MMT) Rev.1.00 Sep. 18, 2008 Page 389 of 522 REJ09B0069-0100 Bit Bit Name Initial Value R/W Description 11 to 9 ⎯ All 0 R Reserved These bits are always read as 0. The write value should always be 0. 8 PIE 0 R/W Port Interrupt Enable Enables or disables an interrupt request when 1 is set in any of bits POE4F to POE6F in ICSR2. 0: Interrupt request disabled 1: Interrupt request enabled 7, 6 ⎯ All 0 R Reserved These bits are always read as 0. The write value should always be 0. 5 4 POE6M1 POE6M0 0 0 R/W R/W POE6 Mode 1 and 0 Select the input mode of the POE6 pin. 00: Request accepted at falling edge of POE6 input 01: POE6 input is sampled for low level 16 times every P φ/8 clock, and request is accepted when all samples are low level 10: POE6 input is sampled for low level 16 times every P φ/16 clock, and request is accepted when all samples are low level 11: POE6 input is sampled for low level 16 times every P φ/128 clock, and request is accepted when all samples are low level 3 2 POE5M1 POE5M0 0 0 R/W R/W POE5 Mode 1 and 0 Select the input mode of the POE5 pin. 00: Request accepted at falling edge of POE5 input 01: POE5 input is sampled for low level 16 times every P φ/8 clock, and request is accepted when all samples are low level 10: POE5 input is sampled for low level 16 times every P φ/16 clock, and request is accepted when all samples are low level 11: POE5 input is sampled for low level 16 times every P φ/128 clock, and request is accepted when all samples are low level |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |