| Electronic Components Datasheet Search |
|
SH7101 Datasheet(PDF) 424 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7101 Datasheet(HTML) 424 Page - Renesas Technology Corp |
|
424 / 560 page ![]() Section 13 Motor Management Timer (MMT) Rev.1.00 Sep. 18, 2008 Page 390 of 522 REJ09B0069-0100 Bit Bit Name Initial Value R/W Description 1 0 POE4M1 POE4M0 0 0 R/W R/W POE4 Mode 1 and 0 Select the input mode of the POE4 pin. 00: Request accepted at falling edge of POE4 input 01: POE4 input is sampled for low level 16 times every P φ/8 clock, and request is accepted when all samples are low level 10: POE4 input is sampled for low level 16 times every P φ/16 clock, and request is accepted when all samples are low level 11: POE4 input is sampled for low level 16 times every P φ/128 clock, and request is accepted when all samples are low level Note: * Only 0 can be written to clear the flag. 13.8.4 Operation (1) Input Level Detection When the input condition set in ICSR2 occurs on any one of the POE pins, the MMT output pins enter the high-impedance state. • Pins placed in the high-impedance state (the MMT’s output pins) The six pins PWOB, PWOA, PVOB, PVOA, PUOB, and PUOA in the motor management timer (MMT) are placed in the high-impedance state. Note: These pins are in the high-impedance state only when each pin is used as the general input/output function or MMT output pin. (a) Falling Edge Detection When a transition from high- to low-level input occurs on a POE pin (b) Low Level Detection Figure 13.18 shows the low level detection operation. Low level sampling is performed 16 times in succession using the sampling clock set in ICSR2. The input is not accepted if a high level is detected even once among these samples. The timing of entry of the MMT's output pins into the high-impedance state from the sampling clock is the same for falling edge detection and low level detection. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |