Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 435 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 435 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 431Page - Renesas Technology Corp SH7101 Datasheet HTML 432Page - Renesas Technology Corp SH7101 Datasheet HTML 433Page - Renesas Technology Corp SH7101 Datasheet HTML 434Page - Renesas Technology Corp SH7101 Datasheet HTML 435Page - Renesas Technology Corp SH7101 Datasheet HTML 436Page - Renesas Technology Corp SH7101 Datasheet HTML 437Page - Renesas Technology Corp SH7101 Datasheet HTML 438Page - Renesas Technology Corp SH7101 Datasheet HTML 439Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 435 / 560 page
background image
Section 14 Pin Function Controller (PFC)
Rev.1.00 Sep. 18, 2008 Page 401 of 522
REJ09B0069-0100
Pin Name
Pin No.
Single Chip Mode
SH7108
Initial Function
Settable Function by PFC
33
PG1/AN17
PG1/AN17
34
PG0/AN16
PG0/AN16
35
PF11/AN11
PF11/AN11
36
PF10/AN10
PF10/AN10
37
PF9/AN9
PF9/AN9
39
PF8/AN8
PF8/AN8
42
PB5
PB5/
IRQ3/POE3
44
PB4
PB4/
IRQ2/POE2
45
PB3
PB3/
IRQ1/POE1
46
PB2
PB2/
IRQ0/POE0
47
PA15
PA15/
POE6
48
PA14
PA14/
POE5
49
PA13
PA13/
POE4
50
PA12
PA12
51
PA11
PA11/
ADTRG/SCK3
52
PA10
PA10/SCK2
53
PA9
PA9/TCLKD/TxD3
54
PA8
PA8/TCLKC/RxD3
55
PA7
PA7/TCLKB/TxD2
56
PA6
PA6/TCLKA/RxD2
57
PA5
PA5/
IRQ1/SCK3
58
PA4
PA4/TxD3
59
PA3
PA3/RxD3
60
PA2
PA2/
IRQ0/PCIO/SCK2
61
PA1
PA1/
POE1/TxD2
63
PA0
PA0/
POE0/RxD2
65
FWP
FWP
67
RES
RES
68
NMI
NMI
69
MD3
MD3
70
MD2
MD2
71
MD1
MD1
72
MD0
MD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com