Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 438 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 438 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 434Page - Renesas Technology Corp SH7101 Datasheet HTML 435Page - Renesas Technology Corp SH7101 Datasheet HTML 436Page - Renesas Technology Corp SH7101 Datasheet HTML 437Page - Renesas Technology Corp SH7101 Datasheet HTML 438Page - Renesas Technology Corp SH7101 Datasheet HTML 439Page - Renesas Technology Corp SH7101 Datasheet HTML 440Page - Renesas Technology Corp SH7101 Datasheet HTML 441Page - Renesas Technology Corp SH7101 Datasheet HTML 442Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 438 / 560 page
background image
Section 14 Pin Function Controller (PFC)
Rev.1.00 Sep. 18, 2008 Page 404 of 522
REJ09B0069-0100
Pin Name
Pin No.
On-Chip ROM Disabled
On-Chip ROM Enabled
SH7109
Initial Function
Settable Function by PFC
Initial Function
Settable Function by PFC
32
PF15/AN15
PF15/AN15
PF15/AN15
PF15/AN15
34
PF6/AN6
PF6/AN6
PF6/AN6
PF6/AN6
35
PF14/AN14
PF14/AN14
PF14/AN14
PF14/AN14
36
PF5/AN5
PF5/AN5
PF5/AN5
PF5/AN5
37
PF13/AN13
PF13/AN13
PF13/AN13
PF13/AN13
38
PF4/AN4
PF4/AN4
PF4/AN4
PF4/AN4
39
PF12/AN12
PF12/AN12
PF12/AN12
PF12/AN12
40
PF11/AN11
PF11/AN11
PF11/AN11
PF11/AN11
41
PF3/AN3
PF3/AN3
PF3/AN3
PF3/AN3
42
PF10/AN10
PF10/AN10
PF10/AN10
PF10/AN10
43
PF2/AN2
PF2/AN2
PF2/AN2
PF2/AN2
44
PF9/AN9
PF9/AN9
PF9/AN9
PF9/AN9
45
PF1/AN1
PF1/AN1
PF1/AN1
PF1/AN1
47
PF8/AN8
PF8/AN8
PF8/AN8
PF8/AN8
48
PF0/AN0
PF0/AN0
PF0/AN0
PF0/AN0
51
CK
PB5/
IRQ3/POE3/CK
CK
PB5/
IRQ3/POE3/CK
52
PB4
PB4/
IRQ2/POE2
PB4
PB4/
IRQ2/POE2
54
PB3
PB3/
IRQ1/POE1
PB3
PB3/
IRQ1/POE1
55
PB2
PB2/
IRQ0/POE0
PB2
PB2/
IRQ0/POE0
56
A17
A17
PB1
PB1/A17
57
A16
A16
PB0
PB0/A16
58
PA15
PA15/CK/
POE6/BACK
PA15
PA15/CK/
POE6/BACK
59
PA14
PA14/
RD/POE5
PA14
PA14/
RD/POE5
60
PA13
PA13/
POE4/BREQ
PA13
PA13/
POE4/BREQ
61
PA12
PA12/
WRL
PA12
PA12/
WRL
62
PA11
PA11/
ADTRG/SCK3
PA11
PA11/
ADTRG/SCK3
63
PA10
PA10/
CS0/SCK2
PA10
PA10/
CS0/SCK2
64
PA9
PA9/TCLKD/TxD3
PA9
PA9/TCLKD/TxD3
65
PA8
PA8/TCLKC/RxD3
PA8
PA8/TCLKC/RxD3
66
PA7
PA7/TCLKB/
WAIT/TxD2
PA7
PA7/TCLKB/
WAIT/TxD2
67
RD
RD
PA6
PA6/TCLKA/
RD/RxD2
68
A5
A5
PA5
PA5/
IRQ1/A5/SCK3
69
A4
A4
PA4
PA4/A4/TxD3
70
A3
A3
PA3
PA3/A3/RxD3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com