Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 442 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 442 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 438Page - Renesas Technology Corp SH7101 Datasheet HTML 439Page - Renesas Technology Corp SH7101 Datasheet HTML 440Page - Renesas Technology Corp SH7101 Datasheet HTML 441Page - Renesas Technology Corp SH7101 Datasheet HTML 442Page - Renesas Technology Corp SH7101 Datasheet HTML 443Page - Renesas Technology Corp SH7101 Datasheet HTML 444Page - Renesas Technology Corp SH7101 Datasheet HTML 445Page - Renesas Technology Corp SH7101 Datasheet HTML 446Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 442 / 560 page
background image
Section 14 Pin Function Controller (PFC)
Rev.1.00 Sep. 18, 2008 Page 408 of 522
REJ09B0069-0100
Pin Name
Pin No.
Single Chip Mode
SH7109
Initial Function
Settable Function by PFC
75
PA0
PA0/
POE0/RxD2
78
PD7
PD7
79
PD6
PD6
80
PD5
PD5
81
PD4
PD4
83
FWP
FWP
85
HSTBY
HSTBY
86
PD3
PD3
87
RES
RES
88
PD2
PD2/SCK2
89
NMI
NMI
90
PD1
PD1/TxD2
91
MD3
MD3
92
PD0
PD0/RxD2
93
MD2
MD2
94
MD1
MD1
95
MD0
MD0
96
EXTAL
EXTAL
97
XTAL
XTAL
98
PLLVCL
PLLVCL
99
PLLCAP
PLLCAP
100
PLLVss
PLLVss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com