Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 439 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 439 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 435Page - Renesas Technology Corp SH7101 Datasheet HTML 436Page - Renesas Technology Corp SH7101 Datasheet HTML 437Page - Renesas Technology Corp SH7101 Datasheet HTML 438Page - Renesas Technology Corp SH7101 Datasheet HTML 439Page - Renesas Technology Corp SH7101 Datasheet HTML 440Page - Renesas Technology Corp SH7101 Datasheet HTML 441Page - Renesas Technology Corp SH7101 Datasheet HTML 442Page - Renesas Technology Corp SH7101 Datasheet HTML 443Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 439 / 560 page
background image
Section 14 Pin Function Controller (PFC)
Rev.1.00 Sep. 18, 2008 Page 405 of 522
REJ09B0069-0100
Pin Name
Pin No.
On-Chip ROM Disabled
On-Chip ROM Enabled
SH7109
Initial Function
Settable Function by PFC
Initial Function
Settable Function by PFC
71
A2
A2
PA2
PA2/
IRQ0/A2/PCIO/SCK2
73
A1
A1
PA1
PA1/A1/
POE1/TxD2
75
A0
A0
PA0
PA0/A0/
POE0/RxD2
76
PD8
PD8
PD8
PD8
78
D7
D7
PD7
PD7/D7
79
D6
D6
PD6
PD6/D6
80
D5
D5
PD5
PD5/D5
81
D4
D4
PD4
PD4/D4
83
FWP
FWP
FWP
FWP
85
HSTBY
HSTBY
HSTBY
HSTBY
86
D3
D3
PD3
PD3/D3
87
RES
RES
RES
RES
88
D2
D2
PD2
PD2/D2/SCK2
89
NMI
NMI
NMI
NMI
90
D1
D1
PD1
PD1/D1/TxD2
91
MD3
MD3
MD3
MD3
92
D0
D0
PD0
PD0/D0/RxD2
93
MD2
MD2
MD2
MD2
94
MD1
MD1
MD1
MD1
95
MD0
MD0
MD0
MD0
96
EXTAL
EXTAL
EXTAL
EXTAL
97
XTAL
XTAL
XTAL
XTAL
98
PLLVCL
PLLVCL
PLLVCL
PLLVCL
99
PLLCAP
PLLCAP
PLLCAP
PLLCAP
100
PLLVss
PLLVss
PLLVss
PLLVss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com