Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 475 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 475 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 471Page - Renesas Technology Corp SH7101 Datasheet HTML 472Page - Renesas Technology Corp SH7101 Datasheet HTML 473Page - Renesas Technology Corp SH7101 Datasheet HTML 474Page - Renesas Technology Corp SH7101 Datasheet HTML 475Page - Renesas Technology Corp SH7101 Datasheet HTML 476Page - Renesas Technology Corp SH7101 Datasheet HTML 477Page - Renesas Technology Corp SH7101 Datasheet HTML 478Page - Renesas Technology Corp SH7101 Datasheet HTML 479Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 475 / 560 page
background image
Section 15 I/O Ports
Rev.1.00 Sep. 18, 2008 Page 441 of 522
REJ09B0069-0100
15.5.1
Register Description
Port F is an 8-bit input-only port in the SH7108 and a 16-bit input-only port in the SH7109. Port F
has the following register. For details on register addresses and register states during each
processing, refer to section 19, List of Registers.
• Port F data register (PFDR)
15.5.2
Port F Data Register (PFDR)
PFDR is a 16-bit read-only register that stores port F data.
In the SH7108, bits PF15DR to PF8DR correspond to pins PF15 to PF8 (multiplexed functions
omitted here). In the SH7109, bits PF15DR to PF0DR correspond to pins PF15 to PF0
(multiplexed functions omitted here).
Any value written into these bits is ignored, and there is no effect on the state of the pins. When
any of the bits are read, the pin state rather than the bit value is read directly. However, when an
A/D converter analog input is being sampled, values of 1 are read. Table 15.5 summarizes port F
data register read/write operations.
Bit
Bit Name
Initial Value
R/W
Description
15
PF15DR
0/1*
1
R
See table 15.5.
14
PF14DR
0/1*
1
R
13
PF13DR
0/1*
1
R
12
PF12DR
0/1*
1
R
11
PF11DR
0/1*
1
R
10
PF10DR
0/1*
1
R
9
PF9DR
0/1*
1
R
8
PF8DR
0/1*
1
R
7
PF7DR
0/1*
1
R
See table 15.5.*
2
6
PF6DR
0/1*
1
R
5
PF5DR
0/1*
1
R
4
PF4DR
0/1*
1
R
3
PF3DR
0/1*
1
R
2
PF2DR
0/1*
1
R
1
PF1DR
0/1*
1
R
0
PF0DR
0/1*
1
R
Notes: 1. Initial values are dependent on the state of the external pins.
2. These bits are reserved in the SH7108. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com