Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 472 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 472 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 468Page - Renesas Technology Corp SH7101 Datasheet HTML 469Page - Renesas Technology Corp SH7101 Datasheet HTML 470Page - Renesas Technology Corp SH7101 Datasheet HTML 471Page - Renesas Technology Corp SH7101 Datasheet HTML 472Page - Renesas Technology Corp SH7101 Datasheet HTML 473Page - Renesas Technology Corp SH7101 Datasheet HTML 474Page - Renesas Technology Corp SH7101 Datasheet HTML 475Page - Renesas Technology Corp SH7101 Datasheet HTML 476Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 472 / 560 page
background image
Section 15 I/O Ports
Rev.1.00 Sep. 18, 2008 Page 438 of 522
REJ09B0069-0100
15.4.2
Port E Data Registers H and L (PEDRH and PEDRL)
PEDRH and PEDRL are 16-bit readable/writable registers that store port E data. Bits PE21DR to
PE0DR correspond to pins PE21 to PE0 (multiplexed functions omitted here).
When a pin functions is a general output, if a value is written to PEDRH or PEDRL, that value is
output directly from the pin, and if PEDRH or PEDRL is read, the register value is returned
directly regardless of the pin state.
When a pin functions is a general input, if PEDRH or PEDRL is read, the pin state, not the register
value, is returned directly. If a value is written to PEDRH or PEDRL, although that value is
written into PEDRH or PEDRL it does not affect the pin state. Table 15.4 summarizes port E data
register read/write operations.
• PEDRH
Bit
Bit Name
Initial Value
R/W
Description
15 to 6
—
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
5
PE21DR
0
R/W
See table 15.4.
4
PE20DR
0
R/W
3
PE19DR
0
R/W
2
PE18DR
0
R/W
1
PE17DR
0
R/W
0
PE16DR
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com