Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 468 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 468 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 464Page - Renesas Technology Corp SH7101 Datasheet HTML 465Page - Renesas Technology Corp SH7101 Datasheet HTML 466Page - Renesas Technology Corp SH7101 Datasheet HTML 467Page - Renesas Technology Corp SH7101 Datasheet HTML 468Page - Renesas Technology Corp SH7101 Datasheet HTML 469Page - Renesas Technology Corp SH7101 Datasheet HTML 470Page - Renesas Technology Corp SH7101 Datasheet HTML 471Page - Renesas Technology Corp SH7101 Datasheet HTML 472Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 468 / 560 page
background image
Section 15 I/O Ports
Rev.1.00 Sep. 18, 2008 Page 434 of 522
REJ09B0069-0100
Table 15.2
Port B Data Register (PBDR) Read/Write Operations
• Bits 5 to 0
PBIOR
Pin Function
Read
Write
0
General input
Pin state
Can write to PBDR, but it has no effect on pin state
Other than
general input
Pin state
Can write to PBDR, but it has no effect on pin state
1
General output
PBDR value
Value written is output from pin
Other than
general output
PBDR value
Can write to PBDR, but it has no effect on pin state
15.3
Port D
Port D that can only be used in the SH7109 is an input/output port with the nine pins shown in
figure 15.5.
PD8 (I/O)
PD7 (I/O) / D7 (I/O)
PD6 (I/O) / D6 (I/O)
PD5 (I/O) / D5 (I/O)
PD4 (I/O) / D4 (I/O)
PD3 (I/O) / D3 (I/O)
PD2 (I/O) / D2 (I/O) / SCK2 (I/O)
PD1 (I/O) / D1 (I/O) / TxD2 (output)
PD0 (I/O) / D0 (I/O) / RxD2 (input)
Port D
Figure 15.5 Port D (SH7109)
15.3.1
Register Description
Port D has the following register. For details on register addresses and register states during each
processing, refer to section 19, List of Registers.
• Port D data register L (PDDRL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com