Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 466 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 466 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 462Page - Renesas Technology Corp SH7101 Datasheet HTML 463Page - Renesas Technology Corp SH7101 Datasheet HTML 464Page - Renesas Technology Corp SH7101 Datasheet HTML 465Page - Renesas Technology Corp SH7101 Datasheet HTML 466Page - Renesas Technology Corp SH7101 Datasheet HTML 467Page - Renesas Technology Corp SH7101 Datasheet HTML 468Page - Renesas Technology Corp SH7101 Datasheet HTML 469Page - Renesas Technology Corp SH7101 Datasheet HTML 470Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 466 / 560 page
background image
Section 15 I/O Ports
Rev.1.00 Sep. 18, 2008 Page 432 of 522
REJ09B0069-0100
Table 15.1
Port A Data Register L (PADRL) Read/Write Operations
• Bits 15 to 0
PAIORL
Pin Function
Read
Write
0
General input
Pin state
Can write to PADRL, but it has no effect on pin
state
Other than
general input
Pin state
Can write to PADRL, but it has no effect on pin
state
1
General output
PADRL value
Value written is output from pin
Other than
general output
PADRL value
Can write to PADRL, but it has no effect on pin
state
15.2
Port B
Port B in the SH7108 is an input/output port with the four pins shown in figure 15.3.
PB5 (I/O) /
(input) /
(input)
PB4 (I/O) /
(input) /
(input)
PB3 (I/O) /
(input) /
(input)
PB2 (I/O) /
(input) /
(input)
Port B
Figure 15.3 Port B (SH7108)
Port B in the SH7109 is an input/output port with the six pins shown in figure 15.4.
Port B
PB5 (I/O) /
(input) /
(input) / CK (output)
PB4 (I/O) /
(input) /
(input)
PB3 (I/O) /
(input) /
(input)
PB2 (I/O) /
(input) /
(input)
PB1 (I/O) / A17 (output)
PB0 (I/O) / A16 (output)
Figure 15.4 Port B (SH7109)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com