Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 473 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 473 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 469Page - Renesas Technology Corp SH7101 Datasheet HTML 470Page - Renesas Technology Corp SH7101 Datasheet HTML 471Page - Renesas Technology Corp SH7101 Datasheet HTML 472Page - Renesas Technology Corp SH7101 Datasheet HTML 473Page - Renesas Technology Corp SH7101 Datasheet HTML 474Page - Renesas Technology Corp SH7101 Datasheet HTML 475Page - Renesas Technology Corp SH7101 Datasheet HTML 476Page - Renesas Technology Corp SH7101 Datasheet HTML 477Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 473 / 560 page
background image
Section 15 I/O Ports
Rev.1.00 Sep. 18, 2008 Page 439 of 522
REJ09B0069-0100
• PEDRL
Bit
Bit Name
Initial Value
R/W
Description
15
PE15DR
0
R/W
See table 15.4.
14
PE14DR
0
R/W
13
PE13DR
0
R/W
12
PE12DR
0
R/W
11
PE11DR
0
R/W
10
PE10DR
0
R/W
9
PE9DR
0
R/W
8
PE8DR
0
R/W
7
PE7DR
0
R/W
6
PE6DR
0
R/W
5
PE5DR
0
R/W
4
PE4DR
0
R/W
3
PE3DR
0
R/W
2
PE2DR
0
R/W
1
PE1DR
0
R/W
0
PE0DR
0
R/W
Table 15.4
Port E Data Registers H and L (PEDRH and PEDRL) Read/Write Operations
• Bits 5 to 0 in PEDRH and bits 15 to 0 in PEDRL
PEIOR
Pin Function
Read
Write
0
General input
Pin state
Can write to PEDRH or PEDRL, but it has no
effect on pin state
Other than
general input
Pin state
Can write to PEDRH or PEDRL, but it has no
effect on pin state
1
General output
Value written is output from pin (
POE pin = high)*
PEDRH or
PEDRL value
High impedance regardless of PEDRH or PEDRL
value (
POE pin = low)*
Other than
general output
PEDRH or
PEDRL value
Can write to PEDRH or PEDRL, but it has no
effect on pin state
Note:
*
Control by the
POE pin is only available for large current-output pins (PE9 and PE11 to
PE21).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com