Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 519 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 519 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 515Page - Renesas Technology Corp SH7101 Datasheet HTML 516Page - Renesas Technology Corp SH7101 Datasheet HTML 517Page - Renesas Technology Corp SH7101 Datasheet HTML 518Page - Renesas Technology Corp SH7101 Datasheet HTML 519Page - Renesas Technology Corp SH7101 Datasheet HTML 520Page - Renesas Technology Corp SH7101 Datasheet HTML 521Page - Renesas Technology Corp SH7101 Datasheet HTML 522Page - Renesas Technology Corp SH7101 Datasheet HTML 523Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 519 / 560 page
background image
Section 20 Electrical Characteristics
Rev.1.00 Sep. 18, 2008 Page 485 of 522
REJ09B0069-0100
Section 20 Electrical Characteristics
20.1
Absolute Maximum Ratings
Table 20.1 shows the absolute maximum ratings.
Table 20.1
Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Power supply voltage
V
CC
–0.3 to +7.0
V
EXTAL pin
Vin
–0.3 to V
CC +0.3
V
Input voltage
All pins other than analog
input and EXTAL pins
Vin
–0.3 to V
CC +0.3
V
Analog power supply voltage
AV
CC
–0.3 to +7.0
V
Analog input voltage
V
AN
–0.3 to AV
CC +0.3
V
Standard product*
–20 to +75
Operating temperature
(except programming or
erasing flash memory)
Wide temperature-range
product*
T
opr
–40 to +85
°C
Storage temperature
T
stg
–55 to +125
°C
[Operating precautions]
Operating the LSI in excess of the absolute maximum ratings may result in permanent
damage.
Note:
* For details on correspondence of the standard product, wide temperature-range product,
and product model name, refer to description of maximum operating frequency and
operating temperature range in section 1.1, Features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com