Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 521 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 521 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 517Page - Renesas Technology Corp SH7101 Datasheet HTML 518Page - Renesas Technology Corp SH7101 Datasheet HTML 519Page - Renesas Technology Corp SH7101 Datasheet HTML 520Page - Renesas Technology Corp SH7101 Datasheet HTML 521Page - Renesas Technology Corp SH7101 Datasheet HTML 522Page - Renesas Technology Corp SH7101 Datasheet HTML 523Page - Renesas Technology Corp SH7101 Datasheet HTML 524Page - Renesas Technology Corp SH7101 Datasheet HTML 525Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 521 / 560 page
background image
Section 20 Electrical Characteristics
Rev.1.00 Sep. 18, 2008 Page 487 of 522
REJ09B0069-0100
Item
Symbol
Min.
Typ.
Max.
Unit
Measurement
Conditions
Three-state
leakage current
(while off)
Ports A, B, D, E
| I
tsi |
—
—
1.0
µA
Vin = 0.5 to V
CC
–0.5 V
V
CC – 0.5
—
—
V
I
OH = –200 µA
Output high-
level voltage
All output pins
V
OH
V
CC – 1.0
—
—
V
I
OH = –1 mA
All output pins
—
—
0.4
V
I
OL = 1.6 mA
Output low-level
voltage
PE9, PE11 to PE21
V
OL
—
—
1.5
V
I
OL = 15 mA
RES
—
—
80
pF
NMI
—
—
50
pF
Input
capacitance
All other input pins
C
in
—
—
20
pF
Vin = 0 V
φ = 1 MHz
Ta = 25
°C
Note:
*
For details on correspondence of the standard product, wide temperature-range
product, and product model name, refer to description of maximum operating frequency
and operating temperature range in section 1.1, Features.
Table 20.2
DC Characteristics (2)
Conditions: V
CC = 4.0 to 5.5 V, AVCC = 4.0 to 5.5 V, VSS = PLLVSS = AVSS = 0 V, Ta = –20°C to
+75
°C (standard product*1), T
a = –40°C to +85°C (wide temperature-range
product*
1)
HD6437108, HD6437106
Item
Symbol
Min.
Typ.
Max.
Unit
Measurement
Conditions
Clock 1:1
I
CC
110
140
mA
φ = 40 MHz
Normal
operation
Clock 1:1/2
115
145
mA
φ = 50 MHz
Clock 1:1
70
90
mA
φ = 40 MHz
Sleep
Clock 1:1/2
70
90
mA
φ = 50 MHz
1
10
µA
T
a ≤ 50°C
Current
consumption*
2
Standby
50
µA
50
°C < T
a
During A/D
conversion, A/D
converter idle state
3.0
5.0
mA
—
Analog power
supply current
During standby
AI
CC
5.0
µA
RAM standby voltage
V
RAM
2.0
—
—
V
V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com