Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 520 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 520 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 516Page - Renesas Technology Corp SH7101 Datasheet HTML 517Page - Renesas Technology Corp SH7101 Datasheet HTML 518Page - Renesas Technology Corp SH7101 Datasheet HTML 519Page - Renesas Technology Corp SH7101 Datasheet HTML 520Page - Renesas Technology Corp SH7101 Datasheet HTML 521Page - Renesas Technology Corp SH7101 Datasheet HTML 522Page - Renesas Technology Corp SH7101 Datasheet HTML 523Page - Renesas Technology Corp SH7101 Datasheet HTML 524Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 520 / 560 page
background image
Section 20 Electrical Characteristics
Rev.1.00 Sep. 18, 2008 Page 486 of 522
REJ09B0069-0100
20.2
DC Characteristics
Table 20.2
DC Characteristics (1)
Conditions: V
CC = 4.0 to 5.5 V, AVCC = 4.0 to 5.5 V, VSS = PLLVSS = AVSS = 0 V, Ta = –20°C to
+75
°C (standard product*), T
a = –40°C to +85°C (wide temperature-range product*)
Item
Symbol
Min.
Typ.
Max.
Unit
Measurement
Conditions
Input high-level
voltage (except
Schmitt trigger
input pin)
RES, MRES, HSTBY,
NMI, FWP, MD3 to
MD0
V
IH
V
CC – 0.7
—
V
CC + 0.3
V
EXTAL
V
CC – 0.7
—
V
CC + 0.3
V
A/D port
2.2
—
AV
CC + 0.3
V
Other input pins
2.2
—
V
CC + 0.3
V
RES, MRES, HSTBY,
NMI, FWP, MD3 to
MD0, EXTAL
–0.3
—
0.5
V
Input low-level
voltage (except
Schmitt trigger
input pin)
Other input pins
V
IL
–0.3
—
0.8
V
V
T+ (VH)
V
CC–0.5
—
V
CC + 0.3
V
V
T– (VL)
–0.3
—
1.0
V
Schmitt trigger
input voltage
IRQ3 to IRQ0,
POE6 to POE0,
TCLKA to TCLKD,
TIOC0A to TIOC0D,
TIOC1A, TIOC1B,
TIOC2A, TIOC2B,
TIOC3A to TIOC3D,
TIOC4A to TIOC4D
V
T+–VT–
0.4
—
—
V
RES, MRES, NMI,
HSTBY, FWP,
MD3 to MD0,
DBGMD
—
—
1.0
µA
Vin = 0.5 to V
CC
–0.5 V
Ports F, G
—
—
1.0
µA
Vin = 0.5 to AV
CC
–0.5 V
Input leakage
current
Other input pins
| I
in |
—
—
1.0
µA
Vin = 0.5 to V
CC
–0.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com