Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 132Page - Renesas Technology Corp SH7101 Datasheet HTML 133Page - Renesas Technology Corp SH7101 Datasheet HTML 134Page - Renesas Technology Corp SH7101 Datasheet HTML 135Page - Renesas Technology Corp SH7101 Datasheet HTML 136Page - Renesas Technology Corp SH7101 Datasheet HTML 137Page - Renesas Technology Corp SH7101 Datasheet HTML 138Page - Renesas Technology Corp SH7101 Datasheet HTML 139Page - Renesas Technology Corp SH7101 Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 560 page
background image
Section 7 Bus State Controller (BSC)
Rev.1.00 Sep. 18, 2008 Page 102 of 522
REJ09B0069-0100
On-Chip ROM Disabled Mode (for SH7109 only)
Size
Address
Space*
Memory
SH7105
SH7109
SH7107
Bus
Width
H'0000 0000 to H'0000 7FFF
H'0000 8000 to H'0000 FFFF
256
kbytes
256
kbytes
256
kbytes
H'0001 0000 to H'0001 FFFF
H'0002 0000 to H'0002 FFFF
H'0003 0000 to H'0003 FFFF
CS0
space
External
space
8 bits
H'0004 0000 to H'001F FFFF
Reserved Reserved Reserved Reserved Reserved
H'0020 0000 to H'0023 FFFF
Reserved Reserved Reserved Reserved Reserved
H'0024 0000 to H'FFFF 7FFF
Reserved Reserved Reserved Reserved Reserved
H'FFFF 8000 to H'FFFF BFFF
On-chip
peripheral
module
On-chip
peripheral
module
16 kbytes 16 kbytes 16 kbytes 8, 16 bits
H'FFFF C000 to H'FFFF CFFF Reserved Reserved Reserved Reserved Reserved
H'FFFF D000 to H'FFFF DFFF
Reserved
H'FFFF E000 to H'FFFF EFFF
8 kbytes
Reserved Reserved
H'FFFF F000 to H'FFFF 7FFF
4 kbytes
4 kbytes
H'FFFF F800 to H'FFFF FFFF
On-chip
RAM
On-chip
RAM
32 bits
Note:
*
Do not access reserved spaces. Operation cannot be guaranteed if they are accessed.
When in single chip mode, spaces other than those for on-chip ROM, on-chip RAM, and
internal peripheral module are not available.
7.5
Register Descriptions
7.5.1
Bus Control Register 1 (BCR1)
BCR1 is a 16-bit readable/writable register that enables access to the MMT and MTU control
registers and specifies the bus size of the CS0 space.
The AOSZ bit of BCR1 is written to during the initialization stage after a power-on reset. Do not
change the values thereafter. In on-chip ROM enabled mode, do not access any of the CS0 space
until completion of register initialization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com