| Electronic Components Datasheet Search |
|
SH7101 Datasheet(PDF) 327 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7101 Datasheet(HTML) 327 Page - Renesas Technology Corp |
|
327 / 560 page ![]() Section 10 Serial Communication Interface (SCI) Rev.1.00 Sep. 18, 2008 Page 293 of 522 REJ09B0069-0100 Table 10.2 Relationships between N Setting in BRR and Effective Bit Rate B 0 Mode Asynchronous mode (n = 0) Asynchronous mode (n = 1 to 3) Clocked synchronous mode (n = 0) Clocked synchronous mode (n = 1 to 3) B0 = P φ × 106 32 × 22n × (N + 1) Bit Rate Error B0 B1 B0 = P φ × 106 32 × 22n+1 × (N + 1) B0 = P φ × 106 4 × 22n × (N + 1) B0 = P φ × 106 4 × 22n+1 × (N + 1) Error (%) = – 1 × 100 ⎞ ⎠ ⎞ ⎠ B0 B1 Error (%) = — — – 1 × 100 ⎞ ⎠ ⎞ ⎠ Note: B 0: Effective bit rate (bit/s) Actual transfer speed according to the register settings B 1: Logical bit rate (bit/s) Specified transfer speed of the target system N: BRR setting for baud rate generator (0 ≤ N ≤ 255) P φ: Peripheral clock operating frequency (MHz) n : Determined by the SMR settings shown in the following tables. SMR Setting CKS1 CKS0 n 0 0 0 0 1 1 1 0 2 1 1 3 Table 10.3 shows sample N settings in BRR in normal asynchronous mode. Table 10.4 shows the maximum bit rate for each frequency in normal asynchronous mode. Table 10.6 shows sample N settings in BRR in clocked synchronous mode. For details, refer to section 10.4.2, Receive Data Sampling Timing and Reception Margin in Asynchronous Mode. Tables 10.5 and 10.7 show the maximum bit rates with external clock input. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |