Electronic Components Datasheet Search
  English  ▼

X  

SH7785 Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # SH7785
Description  32-Bit RISC Microcomputer
PDF  1692 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7785 Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button SH7785 Datasheet HTML 116Page - Renesas Technology Corp SH7785 Datasheet HTML 117Page - Renesas Technology Corp SH7785 Datasheet HTML 118Page - Renesas Technology Corp SH7785 Datasheet HTML 119Page - Renesas Technology Corp SH7785 Datasheet HTML 120Page - Renesas Technology Corp SH7785 Datasheet HTML 121Page - Renesas Technology Corp SH7785 Datasheet HTML 122Page - Renesas Technology Corp SH7785 Datasheet HTML 123Page - Renesas Technology Corp SH7785 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 1692 page
background image
5. Exception Handling
Rev.1.00 Jan. 10, 2008 Page 90 of 1658
REJ09B0261-0100
Table 5.2
States of Register in Each Operating Mode
Register Name
Abbr.
Power-on
Reset
Manual Reset Sleep
Standby
TRAPA exception register
TRA
Undefined
Undefined
Retained
Retained
Exception event register
EXPEVT
H'0000 0000 H'0000 0020
Retained
Retained
Interrupt event register
INTEVT
Undefined
Undefined
Retained
Retained
Non-support detection exception
register
EXPMASK H'0000 0013 H'0000 0013
Retained
Retained
5.2.1
TRAPA Exception Register (TRA)
The TRAPA exception register (TRA) consists of 8-bit immediate data (imm) for the TRAPA
instruction. TRA is set automatically by hardware when a TRAPA instruction is executed. TRA
can also be modified by software.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
0000000000000000
00
Initial value:
RRRRRRRRRRRRRRRR
R/W
R/W
R/W
TRACODE
R/W
R/W
R/W
R
R
R/W:
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9876543210
00
00
00
RRRRRR
R/W
R/W
Bit
Bit Name
Initial Value
R/W
Description
31 to 10
⎯
All 0
R
Reserved
For details on reading/writing this bit, see General
Precautions on Handling of Product.
9 to 2
TRACODE
Undefined
R/W
TRAPA Code
8-bit immediate data of TRAPA instruction is set
1, 0
⎯
All 0
R
Reserved
For details on reading/writing this bit, see General
Precautions on Handling of Product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com