Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 140Page - Renesas Technology Corp SH7021 Datasheet HTML 141Page - Renesas Technology Corp SH7021 Datasheet HTML 142Page - Renesas Technology Corp SH7021 Datasheet HTML 143Page - Renesas Technology Corp SH7021 Datasheet HTML 144Page - Renesas Technology Corp SH7021 Datasheet HTML 145Page - Renesas Technology Corp SH7021 Datasheet HTML 146Page - Renesas Technology Corp SH7021 Datasheet HTML 147Page - Renesas Technology Corp SH7021 Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 509 page
background image
126 RENESAS
H'E000000
H'E400000
H'E800000
H'EC00000
H'E3FFFFF
H'E7FFFFF
H'EBFFFFF
H'EFFFFFF
Shadow
Shadow
Shadow
Shadow
External
memory
space
(4 Mbytes)
H'6000000
H'6400000
H'6800000
H'6C00000
H'63FFFFF
H'67FFFFF
H'6BFFFFF
H'6FFFFFF
Shadow
Shadow
Shadow
Shadow
Multiplexed
I/O space
or external
memory
space
(4 Mbytes)
Logical address
space
Logical address
space
8 or 16-bit
space
16-bit space
Actual
space
Actual
space
• IOE = 1:
address/data
multiplexed I/O
space;
IOE = 0: external
memory space
• A14 = 0: 8-bit space
A14 = 1: 16-bit space
• Valid addresses
A21–A0 (A23 and
A22 not output)
• CS6 valid
• Long wait function
• Valid
addresses
A21–A0 (A23
and A22 not
output)
• CS6 valid
• Long wait
function
Figure 8.9 Memory Map of Area 6
Area 7: Area 7 is the area where addresses A26–A24 are 111 and its address range is H'7000000–
H'7FFFFFF and H'F000000–H'FFFFFFF. Figure 8.10 is a memory map of area 7.
Area 7 is allocated to external memory space when A27 is 0 and on-chip RAM space when A27 is
1. In external memory space, the bus width is 8 bits. The A23 and A22 bits are not output and the
shadow is in 4-Mbyte units. When external memory is accessed, the
CS7 signal is valid.
The on-chip RAM space has an bus width of 32 bits. The on-chip RAM capacity is 1 kbytes, so
A23–A10 are ignored and the shadows are in 8-kbyte units. During on-chip RAM access, the
CS7
signal is not valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com