Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 143Page - Renesas Technology Corp SH7021 Datasheet HTML 144Page - Renesas Technology Corp SH7021 Datasheet HTML 145Page - Renesas Technology Corp SH7021 Datasheet HTML 146Page - Renesas Technology Corp SH7021 Datasheet HTML 147Page - Renesas Technology Corp SH7021 Datasheet HTML 148Page - Renesas Technology Corp SH7021 Datasheet HTML 149Page - Renesas Technology Corp SH7021 Datasheet HTML 150Page - Renesas Technology Corp SH7021 Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 509 page
background image
RENESAS 129
T1
CK
A21–A0
CSn
RD
AD15–AD0
T2
WRH
, WRL
AD15–AD0
Read
Write
When
RDDTY = 0
When
RDDTY = 1
Figure 8.12 Basic Timing of External Memory Space Access (2-state read timing)
High-level duties of 35% and 50% can be selected for the
RD signal using the RD duty bit
(RDDTY) of the BCR. When RDDTY is set to 1, the high-level duty is 35% of the T1 state,
enabling longer access times for external devices. Only set to 1 when the operating frequency is a
minimum of 10 MHz.
8.4.2
Wait State Control
The number of external memory space access states and the insertion of wait states can be
controlled using the WCR1–WCR3 bits. The bus cycles that can be controlled are the CPU read
cycle and the DMAC dual mode read cycle. The bus cycle that can be controlled using the WCR2
is the DMAC single-mode read/write cycle.
Table 8.8 shows the number of states and number of wait states in the access cycles to external
memory spaces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com