| Electronic Components Datasheet Search |
|
SH7021 Datasheet(PDF) 237 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7021 Datasheet(HTML) 237 Page - Renesas Technology Corp |
|
237 / 509 page ![]() RENESAS 221 10.1.3 Input/Output Pins Table 10.2 summarizes the ITU pins. External pin functions should be set with the pin function controller to match to the ITU setting. See section 15, Pin Function Controller, for details. ITU pins need to be set using the pin function controller (PFC) after the LSI is set to the ITU mode. Table 10.2 Pin Configuration Channel Name Pin Name I/O Function Shared Clock input A TCLKA I External clock A input pin (A-phase input pin in phase counting mode) Clock input B TCLKB I External clock B input pin (B-phase input pin in phase counting mode) Clock input C TCLKC I External clock C input pin Clock input D TCLKD I External clock D input pin 0 Input capture/out- put compare A0 TIOCA0 I/O GRA0 output compare/GRA0 input capture/PWM output pin (in PWM mode) Input capture/out- put compare B0 TIOCB0 I/O GRB0 output compare/GRB0 input capture 1 Input capture/out- put compare A1 TIOCA1 I/O GRA1 output compare/GRA1 input capture/PWM output pin (in PWM mode) Input capture/out- put compare B1 TIOCB1 I/O GRB1 output compare/GRB1 input capture 2 Input capture/out- put compare A2 TIOCA2 I/O GRA2 output compare/GRA2 input capture/PWM output pin (in PWM mode) Input capture/out- put compare B2 TIOCB2 I/O GRB2 output compare/GRB2 input capture 3 Input capture/out- put compare A3 TIOCA3 I/O GRA3 output compare/GRA3 input capture/PWM output pin (in PWM mode, complementary PWM mode, or reset-synchronized PWM mode) Input capture/out- put compare B3 TIOCB3 I/O GRB3 output compare/GRB3 input capture/PWM output pin (in complementary PWM mode or reset- synchronized PWM mode) 4 Input capture/out- put compare A4 TIOCA4 I/O GRA4 output compare/GRA4 input capture/PWM output pin (in PWM mode, complementary PWM mode or reset-synchronized PWM mode) Input capture/out- put compare B4 TIOCB4 I/O GRB4 output compare/GRB4 input capture/PWM output pin (in complementary PWM mode or reset- synchronized PWM mode) Output compare XA4 TOCXA4 I/O PWM output pin (in complementary PWM mode or reset-synchronized PWM mode) Output compare XB4 TOCXB4 I/O PWM output pin (in complementary PWM mode or reset-synchronized PWM mode) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |