Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 269 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 269 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 265Page - Renesas Technology Corp SH7021 Datasheet HTML 266Page - Renesas Technology Corp SH7021 Datasheet HTML 267Page - Renesas Technology Corp SH7021 Datasheet HTML 268Page - Renesas Technology Corp SH7021 Datasheet HTML 269Page - Renesas Technology Corp SH7021 Datasheet HTML 270Page - Renesas Technology Corp SH7021 Datasheet HTML 271Page - Renesas Technology Corp SH7021 Datasheet HTML 272Page - Renesas Technology Corp SH7021 Datasheet HTML 273Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 509 page
background image
RENESAS 253
Input Capture Mode: In the input capture mode, the counter value is captured into a general
register when the input edge is detected at an input capture/output compare pin (TIOCA, TIOCB).
Detection can take place on the rising edge, falling edge, or both edges. Pulse width and cycle can
be measured by using the input capture function.
•
Procedure for selecting the input capture mode (figure 10.23)
1. Set the TIOR to select the input capture function of the GR and select the rising edge,
falling edge, or both edges as the input edge of the input capture signal. Put the
corresponding port into input-capture using the pin function controller before setting the
TIOR.
2. Set the STR bit in the TSTR to 1 to start the TCNT counting.
Input selection
Select input-capture input
Start counting
Capture
Figure 10.23 Procedure for Selecting Input Capture Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com