Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 272 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 272 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 268Page - Renesas Technology Corp SH7021 Datasheet HTML 269Page - Renesas Technology Corp SH7021 Datasheet HTML 270Page - Renesas Technology Corp SH7021 Datasheet HTML 271Page - Renesas Technology Corp SH7021 Datasheet HTML 272Page - Renesas Technology Corp SH7021 Datasheet HTML 273Page - Renesas Technology Corp SH7021 Datasheet HTML 274Page - Renesas Technology Corp SH7021 Datasheet HTML 275Page - Renesas Technology Corp SH7021 Datasheet HTML 276Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 509 page
background image
256 RENESAS
10.4.3
Synchronizing Mode
In the synchronizing mode, two or more timer counters can be rewritten simultaneously
(synchronized preset). Multiple timer counters can also be cleared simultaneously using TCR
settings (synchronized clear). The synchronizing mode can increase the general registers for a
single time base. All five channels can be set for synchronous operation.
Procedure for Selecting the Synchronizing Mode (figure 10.26):
1. Set 1 in the SYNC bit of the timer synchro register (TSNC) to use the channels in the
synchronizing mode.
2. When a value is written in the TCNT in any of the synchronized channels, the same value is
simultaneously written in the TCNT in the other channels.
3. Set the counter to clear with compare match/input capture using bits CCLR1 and CCLR0 in the
TCR.
4. Set the counter clear source to synchronized clear using the CCLR1 and CCLR0 bits.
5. Set the STR bits in the TSTR to 1 to start counting in the TCNT.
Select counter
clear source
Channel that
generated clear
source?
No
Yes
Select synchronizing
mode
Set synchronizing mode
Synchronized preset
Set TCNT
Start counting
Select counter
clear source
Start counting
Counter clear
Synchronized clear
Synchronizing preset
Synchronized clear
(1)
(2)
(3)
(5)
(4)
(5)
Figure 10.26 Procedure for Selecting the Synchronizing Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com