Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 274 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 274 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 270Page - Renesas Technology Corp SH7021 Datasheet HTML 271Page - Renesas Technology Corp SH7021 Datasheet HTML 272Page - Renesas Technology Corp SH7021 Datasheet HTML 273Page - Renesas Technology Corp SH7021 Datasheet HTML 274Page - Renesas Technology Corp SH7021 Datasheet HTML 275Page - Renesas Technology Corp SH7021 Datasheet HTML 276Page - Renesas Technology Corp SH7021 Datasheet HTML 277Page - Renesas Technology Corp SH7021 Datasheet HTML 278Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 509 page
background image
258 RENESAS
10.4.4
PWM Mode
The PWM mode is controlled using both the GRA and GRB in pairs. The PWM waveform is
output from the TIOCA output pin. The PWM waveform’s 1 output timing is set in GRA and the 0
output timing is set in GRB. A PWM waveform with duty cycle between 0% and 100% can be
output from the TIOCA pin by having either compare match GRA or GRB be the counter clear
source for the timer counter. All five channels can be set to PWM mode.
Table 10.11 lists the combinations of PWM output pins and registers. Note that when the GRA
and GRB are set to the same value, the output will not change even if a compare match occurs.
Table 10.11 Combinations of PWM Output Pins and Registers
Channel
Output Pin
1 Output
0 Output
0
TIOCA0
GRA0
GRB0
1
TIOCA1
GRA1
GRB1
2
TIOCA2
GRA2
GRB2
3
TIOCA3
GRA3
GRB3
4
TIOCA4
GRA4
GRB4
Procedure for Selecting the PWM Mode (figure 10.28):
1. Set bits TPSC2–TPSC0 in the TCR to select the counter clock source. If an external clock
source is selected, set bits CKEG1 and CKEG0 in the TCR to select the desired edges of the
external clock signal.
2. Set CCLR1 and CCLR0 in the TCR to select the counter clear source.
3. Set the time at which the PWM waveform should go to 1 in the GRA.
4. Set the time at which the PWM waveform should go to 0 in the GRB.
5. Set the PWM bit in TMDR to select the PWM mode. When the PWM mode is selected,
regardless of the contents of TIOR, the GRA and GRB become output compare registers
specifying the times at which the PWM waveform goes high and low. TIOCA automatically
becomes a PWM output pin. TIOCB becomes whatever is set in the TIOR's IOB1 and IOB0
bits.
6. Set the STR bit in the TSTR to let the TCNT start counting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com