| Electronic Components Datasheet Search |
|
SH7021 Datasheet(PDF) 278 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7021 Datasheet(HTML) 278 Page - Renesas Technology Corp |
|
278 / 509 page ![]() 262 RENESAS 10.4.5 Reset-Synchronized PWM Mode In the reset-synchronized PWM mode, three pairs of complementary positive and negative PWM waveforms that share a common wave turning point can be obtained using channels 3 and 4. When set for reset-synchronized PWM mode, the TIOCA3, TIOCB3, TIOCA4, TOCXA4, TIOCB4, and TOCXB4 pins automatically become PWM output pins and TCNT3 becomes an upcounter. Table 10.12 shows the PWM output pins used and table 10.13 shows the settings of the registers used. Table 10.12 Output Pins for Reset-Synchronized PWM Mode Channel Output Pin Description 3 TIOCA3 PWM output 1 TIOCB3 PWM output 1' (negative-phase waveform of PWM output 1) 4 TIOCA4 PWM output 2 TOCXA4 PWM output 2' (negative-phase waveform of PWM output 2) TIOCB4 PWM output 3 TOCXB4 PWM output 3' (negative-phase waveform of PWM output 3) Table 10.13 Register Settings for Reset-Synchronized PWM Mode Register Description of Contents TCNT3 Initial setting of H'0000 TCNT4 Not used (functions independently) GRA3 Set count cycle for TCNT3 GRB3 Sets the turning point for PWM waveform output by the TIOCA3 and TIOCB3 pins GRA4 Sets the turning point for PWM waveform output by the TIOCA4 and TOCXA4 pins GRB4 Sets the turning point for PWM waveform output by the TIOCB4 and TOCXB4 pins Procedure for Selecting the Reset-Synchronized PWM Mode (figure 10.31): 1. Clear the STR3 bits in the TSTR to halt TCNT3. The reset-synchronized PWM mode must be set up while TCNT3 is halted. 2. Set bits TPSC2–TPSC0 in the TCR to select the counter clock source for channel 3. If an external clock source is selected, select the external clock edges with bits CKEG1 and CKEG0 in the TCR. 3. Set bits CCLR1 and CCLR0 in the TCR3 to select GRA3 as a counter clear source. 4. Set bits CMD1 and CMD0 in TMDB to select the reset-synchronized PWM mode. TIOCA3– TIOCB4, TOCXA4, and TOCXB4 automatically become PWM output pins. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |