Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 280 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 280 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 276Page - Renesas Technology Corp SH7021 Datasheet HTML 277Page - Renesas Technology Corp SH7021 Datasheet HTML 278Page - Renesas Technology Corp SH7021 Datasheet HTML 279Page - Renesas Technology Corp SH7021 Datasheet HTML 280Page - Renesas Technology Corp SH7021 Datasheet HTML 281Page - Renesas Technology Corp SH7021 Datasheet HTML 282Page - Renesas Technology Corp SH7021 Datasheet HTML 283Page - Renesas Technology Corp SH7021 Datasheet HTML 284Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 509 page
background image
264 RENESAS
Reset-Synchronized PWM Mode Operation: Figure 10.32 shows an example of operation in the
reset-synchronized PWM mode. TCNT3 operates as an upcounter that is cleared to H'0000 at
compare match with GRA3. TCNT4 runs independently and is isolated from GRA4 and GRB4.
The PWM waveform outputs toggle at each compare match (GRB3, GRA3, and GRB4 with
TCNT3) and when the counter is cleared.
See section 10.4.8, Buffer Mode, for details on simultaneously setting reset-synchronized PWM
mode and buffer operation.
GRA3
GRB3
GRB4
GRA4
TIOCA3
TIOCB3
TIOCA4
TOCXA4
TIOCB4
TOCXB4
Counter cleared at GRA3 compare match
Time
TCNT value
Figure 10.32 Reset-Synchronized PWM Mode Operation Example 1
10.4.6
Complementary PWM Mode
In the complementary PWM mode, three pairs of complementary, non-overlapping, positive and
negative PWM waveforms can be obtained using channels 3 and 4. In complementary PWM
mode, the TIOCA3, TIOCB3, TIOCA4, TOCXA4, TIOCB4, and TOCXB4 pins automatically
become PWM output pins and TCNT3 and TCNT4 become upcounters. Table 10.14 shows the
PWM output pins used and table 10.15 shows the settings of the registers used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com