Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 282 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 282 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 278Page - Renesas Technology Corp SH7021 Datasheet HTML 279Page - Renesas Technology Corp SH7021 Datasheet HTML 280Page - Renesas Technology Corp SH7021 Datasheet HTML 281Page - Renesas Technology Corp SH7021 Datasheet HTML 282Page - Renesas Technology Corp SH7021 Datasheet HTML 283Page - Renesas Technology Corp SH7021 Datasheet HTML 284Page - Renesas Technology Corp SH7021 Datasheet HTML 285Page - Renesas Technology Corp SH7021 Datasheet HTML 286Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 509 page
background image
266 RENESAS
5. GRA3 is the waveform period register. Set the upper limit of TCNT3–1*. Set the transition
times of the PWM output waveforms in GRB3, GRA4, and GRB4. Set times within the
compare match range of TCNT3 and TCNT4.
T
≤ X
(X: initial setting of GRB3, GRA4, and GRB4; T: initial setting of TCNT3)
Note:
GRA3 = [cycle count/2] + [count of non-overlaps] – 2cyc=[upper limit of TCNT3] – 1
6. Set the STR3 and STR4 bits in the TSTR to 1 to let TCNT3 and TCNT4 start counting.
(1)
(2)
(3)
(4)
(5)
(6)
Set general registers
Start counting
Complementary PWM mode
Stop counting
Select counter clock
Set TCNT
Complementary PWM mode
Select complementary
PWM mode
Note
To re-engage the complementary PWM mode after it has been aborted, start settings
from step 1.
Figure 10.33 Procedure for Selecting the Complementary PWM Mode
Complementary PWM Mode Operation: Figure 10.34 shows an example of operation in the
complementary PWM mode. TCNT3 and TCNT4 operate as up/downcounters, counting down
from compare match of TCNT3 and GRA3 and counting up when TCNT4 underflows. PWM
waveforms are output by repeated compare matches with each of the general registers in the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com