Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 286 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 286 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 282Page - Renesas Technology Corp SH7021 Datasheet HTML 283Page - Renesas Technology Corp SH7021 Datasheet HTML 284Page - Renesas Technology Corp SH7021 Datasheet HTML 285Page - Renesas Technology Corp SH7021 Datasheet HTML 286Page - Renesas Technology Corp SH7021 Datasheet HTML 287Page - Renesas Technology Corp SH7021 Datasheet HTML 288Page - Renesas Technology Corp SH7021 Datasheet HTML 289Page - Renesas Technology Corp SH7021 Datasheet HTML 290Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 509 page
background image
270 RENESAS
The IMFA bit of channel 3 is set to 1 for increment pulses and the OVF bit of channel 4 is set to 1
for underflows only. The buffer register (BR) set for the buffer operation is transferred to the GR
upon compare match A3 (when incrementing) or TCNT4 underflow.
GR Setting in Complementary Mode: Be aware of the following when setting the general
registers in complementary PWM mode and when making changes during operation.
•
Initial values: Setting H'0000 to T–1 (the initial setting T: TCNT3) is prohibited. After
counting starts, this setting is allowed from the point when the first A3 compare match occurs.
•
Methods of changing settings: Use the buffer operation. Writing directly to general registers
may result in incorrect waveform output.
•
When changing settings: See figure 10.38.
GRA3
GR
H' 0000
BR
GR
Prohibited
Figure 10.38 Example of Changing GR Settings with Buffer Operation (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com