Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 287 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 287 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 283Page - Renesas Technology Corp SH7021 Datasheet HTML 284Page - Renesas Technology Corp SH7021 Datasheet HTML 285Page - Renesas Technology Corp SH7021 Datasheet HTML 286Page - Renesas Technology Corp SH7021 Datasheet HTML 287Page - Renesas Technology Corp SH7021 Datasheet HTML 288Page - Renesas Technology Corp SH7021 Datasheet HTML 289Page - Renesas Technology Corp SH7021 Datasheet HTML 290Page - Renesas Technology Corp SH7021 Datasheet HTML 291Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 509 page
background image
RENESAS 271
Buffer Transfers when Changing from Increment to Decrement: When the contents of the GR
are within GRA3 – T + 1 and GRA3, do not transfer a value outside this range. When the contents
of GR are outside this range, do not a transfer a value within it. Figure 10.39 illustrates a point of
caution regarding changing of GR settings with a buffer operation.
GRA3 + 1
GRA3
GRA3 – T + 1
GRA3 – T
TCNT3
TCNT4
Changes inhibited
Figure 10.39 Caution for Changing GR Settings with Buffer Operation (1)
Buffer Transfers when Changing from Decrement to Increment: When the contents of the GR
are within H'0000 to T–1, do not transfer a value outside this range. When the contents of GR are
outside this range, do not transfer a value within it. Figure 10.40 illustrates this point of caution
regarding changing of GR settings with a buffer operation
TCNT4
T
T – 1
H' 0000
H' FFFF
TCNT3
Changes inhibited
Figure 10.40 Caution for Changing GR Settings with Buffer Operation (2)
When GR Settings are Outside the Count Range (H'0000–GRA3): Waveforms of duty cycle
0% and 100% can be output by setting GR outside the count area. Be sure to make the direction of
the count (increment/decrement) when writing a setting from outside the count area into the buffer
register (BR) the same as the count direction when writing the setting that returns to within the
count area in the BR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com