Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 288 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 288 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 284Page - Renesas Technology Corp SH7021 Datasheet HTML 285Page - Renesas Technology Corp SH7021 Datasheet HTML 286Page - Renesas Technology Corp SH7021 Datasheet HTML 287Page - Renesas Technology Corp SH7021 Datasheet HTML 288Page - Renesas Technology Corp SH7021 Datasheet HTML 289Page - Renesas Technology Corp SH7021 Datasheet HTML 290Page - Renesas Technology Corp SH7021 Datasheet HTML 291Page - Renesas Technology Corp SH7021 Datasheet HTML 292Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 509 page
background image
272 RENESAS
GRA3
GR
H' 0000
Output pin
Output pin
BR
GR
Duty 0%
Duty 100%
Write on decrement
Write on increment
Figure 10.41 Example of Changing GR Settings with Buffer Operation (2)
The above settings are made by detecting the occurrence of a GRA3 compare match or underflow
of TCNT4 and then writing to BR. They can also be accomplished by starting up the DMAC with
a GRA3 compare match.
10.4.7
Phase Counting Mode
The phase counting mode detects the phase differential of two external clock inputs (TCLKA and
TCLKB) and counts TCNT2 up or down. When set in the phase counting mode, the TCLKA and
TCLKB pins automatically become external clock input pins, regardless of the settings of the
TPSC2–TPSC0 bits of TCR2 or the CKEG1 and CKEG0 bits. TCNT2 also becomes an up/down
counter. Since the TCR2 CCLR1/CCLR0 bits, TIOR2, TIER2, TSR2, GRA2 and GRB2 are all
enabled, input capture and compare match functions and interrupt sources can be used. Phase
counting is available only in channel 2.
Procedure for Selecting the Phase Counting Mode: Figure 10.42 shows the procedure for
selecting the phase counting mode.
1. Set the MDF bit of the timer mode register (TMDR) to 1 to select the phase counting mode.
2. Select the flag set conditions using the FDIR bit of the TMDR.
3. Set the STR2 bit of the timer start register (TSTR) to 1 to start the count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com