Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 133Page - Renesas Technology Corp 4501 Datasheet HTML 134Page - Renesas Technology Corp 4501 Datasheet HTML 135Page - Renesas Technology Corp 4501 Datasheet HTML 136Page - Renesas Technology Corp 4501 Datasheet HTML 137Page - Renesas Technology Corp 4501 Datasheet HTML 138Page - Renesas Technology Corp 4501 Datasheet HTML 139Page - Renesas Technology Corp 4501 Datasheet HTML 140Page - Renesas Technology Corp 4501 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 212 page
background image
2.2 Interrupts
2-20
Rev.2.01
Feb 07, 2005
4501 Group
APPLICATION
REJ09B0192-0201
2.2.4 Notes on use
(1)
Setting of INT interrupt valid waveform
Set a value to the bit 2 of register I1, and execute the SNZ0 instruction to clear the EXF0 flag to
“0” after executing at least one instruction.
Depending on the input state of P13/INT pin, the external interrupt request flag (EXF0) may be set
to “1” when the interrupt valid waveform is changed.
(2)
Setting of INT pin input control
Set a value to the bit 3 of register I1, and execute the SNZ0 instruction to clear the EXF0 flag to
“0” after executing at least one instruction.
Depending on the input state of P13/INT pin, the external interrupt request flag (EXF0) may be set
to “1” when the interrupt valid waveform is changed.
(3)
Multiple interrupts
Multiple interrupts cannot be used in the 4501 Group.
(4)
Notes on interrupt processing
When the interrupt occurs, at the same time, the interrupt enable flag INTE is cleared to “0” (interrupt
disable state). In order to enable the interrupt at the same time when system returns from the
interrupt, write EI and RTI instructions continuously.
(5)
P13/INT pin
The P13/INT pin need not be selected the external interrupt input INT function or the normal output
port P13 function. However, the EXF0 flag is set to “1” when a valid waveform is input to INT pin even
if it is used as an I/O port P13.
(6)
Power down instruction
Be sure to disable interrupts by executing the DI instruction before executing the EPOF instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com