| Electronic Components Datasheet Search |
|
4501 Datasheet(PDF) 208 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4501 Datasheet(HTML) 208 Page - Renesas Technology Corp |
|
208 / 212 page ![]() 3.4 Notes on noise 3-39 4501 Group APPENDIX Rev.2.01 Feb 07, 2005 REJ09B0192-0201 Fig. 3.4.9 Wiring to a signal line where potential levels change frequently (3) Oscillator protection using VSS pattern As for a two-sided printed circuit board, print a VSS pattern on the underside (soldering side) of the position (on the component side) where an oscillator is mounted. Connect the VSS pattern to the microcomputer VSS pin with the shortest possible wiring. Besides, separate this VSS pattern from other VSS patterns. XIN XOUT VSS CNTR Do not cross N.G. XIN XOUT VSS An example of VSS patterns on the underside of a printed circuit board Oscillator wiring pattern example Separate the VSS line for oscillation from other VSS lines 3.4.5 Setup for I/O ports Setup I/O ports using hardware and software as follows: <Hardware> • Connect a resistor of 100 Ω or more to an I/O port in series. <Software> • As for an input port, read data several times by a program for checking whether input levels are equal or not. • As for an output port or an I/O port, since the output data may reverse because of noise, rewrite data to its output latch at fixed periods. • Rewrite data to pull-up control registers at fixed periods. 3.4.6 Providing of watchdog timer function by software If a microcomputer runs away because of noise or others, it can be detected by a software watchdog timer and the microcomputer can be reset to normal operation. This is equal to or more effective than program runaway detection by a hardware watchdog timer. The following shows an example of a watchdog timer provided by software. In the following example, to reset a microcomputer to normal operation, the main routine detects errors of the interrupt processing routine and the interrupt processing routine detects errors of the main routine. This example assumes that interrupt processing is repeated multiple times in a single main routine processing. (2) Installing oscillator away from signal lines where potential levels change frequently Install an oscillator and a connecting pattern of an oscillator away from signal lines where potential levels change frequently. Also, do not cross such signal lines over the clock lines or the signal lines which are sensitive to noise. q Reason Signal lines where potential levels change frequently (such as the CNTR pin signal line) may affect other lines at signal rising edge or falling edge. If such lines cross over a clock line, clock waveforms may be deformed, which causes a microcomputer failure or a program runaway. Fig. 3.4.10 VSS pattern on the underside of an oscillator |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |