Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 206 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 206 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 202Page - Renesas Technology Corp 4501 Datasheet HTML 203Page - Renesas Technology Corp 4501 Datasheet HTML 204Page - Renesas Technology Corp 4501 Datasheet HTML 205Page - Renesas Technology Corp 4501 Datasheet HTML 206Page - Renesas Technology Corp 4501 Datasheet HTML 207Page - Renesas Technology Corp 4501 Datasheet HTML 208Page - Renesas Technology Corp 4501 Datasheet HTML 209Page - Renesas Technology Corp 4501 Datasheet HTML 210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 212 page
background image
3.4 Notes on noise
3-37
4501 Group
APPENDIX
Rev.2.01
Feb 07, 2005
REJ09B0192-0201
(5) Wiring to VPP pin of built-in PROM version
In the built-in PROM version of the 4501 Group,
the CNVSS pin is also used as the built-in
PROM power supply input pin VPP.
q When the VPP pin is also used as the
CNVSS pin
Connect an approximately 5 k
Ω resistor to
the VPP pin the shortest possible in series
and also to the V SS pin. When not
connecting the resistor, make the length of
wiring between the VPP pin and the VSS
pin the shortest possible (refer to Figure
3.4.5)
Note: Even when a circuit which included an
approximately 5 k
Ω resistor is used in the
Mask ROM version, the microcomputer
operates correctly.
q Reason
The VPP pin of the built-in PROM version
is the power source input pin for the built-
in PROM. When programming in the built-
in PROM, the impedance of the VPP pin is
low to allow the electric current for writing
flow into the PROM. Because of this, noise
can enter easily. If noise enters the VPP
pin, abnormal instruction codes or data are
read from the built-in PROM, which may
cause a program runaway.
Fig. 3.4.5 Wiring for the VPP pin of the built-in
PROM version
CNVSS/VPP
When the VPP pin is also used as the CNVSS pin
VSS
In the shortest
distance
Approximately
5k
Ω
3.4.2 Connection of bypass capacitor across VSS
line and VDD line
Connect an approximately 0.1
µF bypass capacitor
across the VSS line and the VDD line as follows:
• Connect a bypass capacitor across the VSS pin
and the VDD pin at equal length.
• Connect a bypass capacitor across the VSS pin
and the VDD pin with the shortest possible wiring.
• Use lines with a larger diameter than other signal
lines for VSS line and VDD line.
• Connect the power source wiring via a bypass
capacitor to the VSS pin and the VDD pin.
Fig. 3.4.6 Bypass capacitor across the VSS line
and the VDD line
VSS
VDD
VSS
VDD
N.G.
O.K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com