Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 202 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 202 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 198Page - Renesas Technology Corp 4501 Datasheet HTML 199Page - Renesas Technology Corp 4501 Datasheet HTML 200Page - Renesas Technology Corp 4501 Datasheet HTML 201Page - Renesas Technology Corp 4501 Datasheet HTML 202Page - Renesas Technology Corp 4501 Datasheet HTML 203Page - Renesas Technology Corp 4501 Datasheet HTML 204Page - Renesas Technology Corp 4501 Datasheet HTML 205Page - Renesas Technology Corp 4501 Datasheet HTML 206Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 212 page
background image
3.3 List of precautions
3-33
4501 Group
APPENDIX
Rev.2.01
Feb 07, 2005
REJ09B0192-0201
3.3.8 Notes on RAM back-up
(1)
Key-on wakeup function
After setting ports (P0, P1, D2/C, D3/K, P20/AIN0 and P21/AIN1 specified with register K0–K2) which key-
on wakeup function is valid to “H,” execute the POF or POF2 instruction.
If one of ports which key-on wakeup function is valid is in the “L” level state, system returns from
the RAM back-up after the POF or POF2 instruction is executed.
(2)
POF instruction, POF2 instruction
Execute the POF or POF2 instruction immediately after executing the EPOF instruction to enter the
RAM back-up state.
Note that system cannot enter the RAM back-up state when executing only the POF or POF2
instruction.
Be sure to disable interrupts by executing the DI instruction before executing the EPOF instruction
and the POF or POF2 instruction.
(3)
Return from RAM back-up
After system returns from RAM back-up, set the undefined registers and flags.
The initial value of the following registers are undefined at RAM back-up. After system is returned
from RAM back-up, set initial values.
• Register Z (2 bits)
• Register X (4 bits)
• Register Y (4 bits)
• Register D (3 bits)
• Register E (8 bits)
(4)
Watchdog timer
The watchdog timer function is valid after system is returned from the RAM back-up. When not using
the watchdog timer function, execute the DWDT instruction and the WRST instruction continuously
every system is returned from the RAM back-up, and stop the watchdog timer function.
(5)
P13/INT pin
When the bit 3 of register I1 is cleared, the RAM back-up mode is selected and the input of INT pin
is disabled, be careful about the following notes.
• When the key-on wakeup function of port P13 is not used (register K13 = “0”), clear bits 2 and 3
of register I1 before system enters to the RAM back-up mode.
(6)
External clock
When the external signal clock is used as the source oscillation (f(XIN)), note that the RAM back-up
mode (POF and POF2 instructions) cannot be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com