Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 200 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 200 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 196Page - Renesas Technology Corp 4501 Datasheet HTML 197Page - Renesas Technology Corp 4501 Datasheet HTML 198Page - Renesas Technology Corp 4501 Datasheet HTML 199Page - Renesas Technology Corp 4501 Datasheet HTML 200Page - Renesas Technology Corp 4501 Datasheet HTML 201Page - Renesas Technology Corp 4501 Datasheet HTML 202Page - Renesas Technology Corp 4501 Datasheet HTML 203Page - Renesas Technology Corp 4501 Datasheet HTML 204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 212 page
background image
3.3 List of precautions
3-31
4501 Group
APPENDIX
Rev.2.01
Feb 07, 2005
REJ09B0192-0201
3.3.6 Notes on A/D conversion
(1)
Note when the A/D conversion starts again
When the A/D conversion starts again with the ADST instruction during A/D conversion, the previous
input data is invalidated and the A/D conversion starts again.
(2)
A/D converter-1
Each analog input pin is equipped with a capacitor which is used to compare the analog voltage.
Accordingly, when the analog voltage is input from the circuit with high-impedance and, charge/
discharge noise is generated and the sufficient A/D accuracy may not be obtained. Therefore, reduce
the impedance or, connect a capacitor (0.01
µF to 1 µF) to analog input pins.
Figure 3.3.5 shows the analog input external circuit example-1.
When the overvoltage applied to the A/D conversion circuit may occur, connect an external circuit
in order to keep the voltage within the rated range as shown the Figure 3.3.6 In addition, test the
application products sufficiently.
Fig. 3.3.5 Analog input external circuit example-1
(3)
Notes for the use of A/D conversion 2
When the operating mode of the A/D converter is changed from the comparator mode to the A/D
conversion mode with bit 3 of register Q1 in a program, be careful about the following notes.
• Clear bit 2 of register V2 to “0” to change the operating mode of the A/D converter from the
comparator mode to the A/D conversion mode with bit 3 of register Q1 (refer to Figure 3.3.7➀).
• The A/D conversion completion flag (ADF) may be set when the operating mode of the A/D
converter is changed from the comparator mode to the A/D conversion mode. Accordingly, set a
value to bit 3 of register Q1, and execute the SNZAD instruction to clear the ADF flag.
Do not change the operating mode (both A/D conversion mode and comparator mode) of A/D
converter with bit 3 of register Q1 during operating the A/D converter.
Fig. 3.3.6 Analog input external circuit example-2
Fig. 3.3.7 A/D converter operating mode program example
•
•
•
Clear bit 2 of register V2 to “0”.......➀
↓
Change of the operating mode of the A/D converter
from the comparator mode to the A/D conversion mode
↓
Clear the ADF flag to “0” with the SNZAD instruction
↓
Execute the NOP instruction for the case when a skip is
performed with the SNZAD instruction
•
•
•
Sensor
AIN
(Note)
Note: Apply the voltage within the specifications
to an analog input pin.
Sensor
AIN
About 1 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com