Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 198 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 198 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 194Page - Renesas Technology Corp 4501 Datasheet HTML 195Page - Renesas Technology Corp 4501 Datasheet HTML 196Page - Renesas Technology Corp 4501 Datasheet HTML 197Page - Renesas Technology Corp 4501 Datasheet HTML 198Page - Renesas Technology Corp 4501 Datasheet HTML 199Page - Renesas Technology Corp 4501 Datasheet HTML 200Page - Renesas Technology Corp 4501 Datasheet HTML 201Page - Renesas Technology Corp 4501 Datasheet HTML 202Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 212 page
background image
3.3 List of precautions
3-29
4501 Group
APPENDIX
Rev.2.01
Feb 07, 2005
REJ09B0192-0201
(6)
Power down instruction
Be sure to disable interrupts by executing the DI instruction before executing the EPOF instruction.
Note [2] on bit 3 of register I1
When the bit 3 of register I1 is cleared to “0”, the RAM back-up mode is selected and the input of
INT pin is disabled, be careful about the following notes.
• When the key-on wakeup function of port P13 is not used (register K13 = “0”), clear bits 2 and 3
of register I1 before system enters to the RAM back-up mode. (refer to Figure 3.3.2 ➀).
LA
0 ; (00✕✕2)
TI1A
; Input of INT disabled .................... ➀
DI
EPOF
POF
; RAM back-up
✕ : these bits are not used here.
Fig. 3.3.2 External 0 interrupt program example-2
Note [3] on bit 2 of register I1
When the interrupt valid waveform of the P13/INT pin is changed with the bit 2 of register I1 in
software, be careful about the following notes.
• Depending on the input state of the P13/INT pin, the external 0 interrupt request flag (EXF0) may
be set when the bit 2 of register I1 is changed. In order to avoid the occurrence of an unexpected
interrupt, clear the bit 0 of register V1 to “0” (refer to Figure 3.3.3 ➀) and then, change the bit 2
of register I1.
In addition, execute the SNZ0 instruction to clear the EXF0 flag to “0” after executing at least one
instruction (refer to Figure 3.3.3 ➁).
Also, set the NOP instruction for the case when a skip is performed with the SNZ0 instruction (refer
to Figure 3.3.3 ➂).
LA
4
; (✕✕✕02)
TV1A
; The SNZ0 instruction is valid ..... ➀
LA
12 ; (✕1✕✕2)
TI1A
; Interrupt valid waveform is changed
NOP
........................................................... ➁
SNZ0
; The SNZ0 instruction is executed
(EXF0 flag cleared)
NOP
........................................................... ➂
✕ : these bits are not used here.
Fig. 3.3.3 External 0 interrupt program example-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com