Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 193Page - Renesas Technology Corp 4501 Datasheet HTML 194Page - Renesas Technology Corp 4501 Datasheet HTML 195Page - Renesas Technology Corp 4501 Datasheet HTML 196Page - Renesas Technology Corp 4501 Datasheet HTML 197Page - Renesas Technology Corp 4501 Datasheet HTML 198Page - Renesas Technology Corp 4501 Datasheet HTML 199Page - Renesas Technology Corp 4501 Datasheet HTML 200Page - Renesas Technology Corp 4501 Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 212 page
background image
3.3 List of precautions
3-28
Rev.2.01
Feb 07, 2005
4501 Group
APPENDIX
REJ09B0192-0201
3.3.4 Notes on interrupt
(1)
Setting of INT interrupt valid waveform
Set a value to the bit 2 of register I1, and execute the SNZ0 instruction to clear the EXF0 flag to
“0” after executing at least one instruction.
Depending on the input state of P13/INT pin, the external interrupt request flag (EXF0) may be set
to “1” when the interrupt valid waveform is changed.
(2)
Setting of INT pin input control
Set a value to the bit 3 of register I1, and execute the SNZ0 instruction to clear the EXF0 flag to
“0” after executing at least one instruction.
Depending on the input state of P13/INT pin, the external interrupt request flag (EXF0) may be set
to “1” when the interrupt valid waveform is changed.
(3)
Multiple interrupts
Multiple interrupts cannot be used in the 4501 Group.
(4)
Notes on interrupt processing
When the interrupt occurs, at the same time, the interrupt enable flag INTE is cleared to “0” (interrupt
disable state). In order to enable the interrupt at the same time when system returns from the
interrupt, write EI and RTI instructions continuously.
(5)
P13/INT pin
Note [1] on bit 3 of register I1
When the input of the INT pin is controlled with the bit 3 of register I1 in software, be careful about
the following notes.
• Depending on the input state of the P13/INT pin, the external 0 interrupt request flag (EXF0) may
be set when the bit 3 of register I1 is changed. In order to avoid the occurrence of an unexpected
interrupt, clear the bit 0 of register V1 to “0” (refer to Figure 3.3.1 ➀) and then, change the bit 3
of register I1.
In addition, execute the SNZ0 instruction to clear the EXF0 flag to “0” after executing at least one
instruction (refer to Figure 3.3.1 ➁).
Also, set the NOP instruction for the case when a skip is performed with the SNZ0 instruction (refer
to Figure 3.3.1 ➂).
LA
4 ; (✕✕✕02)
TV1A
; The SNZ0 instruction is valid ..... ➀
LA
8 ; (1✕✕✕2)
TI1A
; Control of INT pin input is changed
NOP
; .......................................................... ➁
SNZ0
; The SNZ0 instruction is executed
(EXF0 flag cleared)
NOP
; .......................................................... ➂
✕ : these bits are not used here.
Fig. 3.3.1 External 0 interrupt program example-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com