Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 203 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 203 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 199Page - Renesas Technology Corp 4501 Datasheet HTML 200Page - Renesas Technology Corp 4501 Datasheet HTML 201Page - Renesas Technology Corp 4501 Datasheet HTML 202Page - Renesas Technology Corp 4501 Datasheet HTML 203Page - Renesas Technology Corp 4501 Datasheet HTML 204Page - Renesas Technology Corp 4501 Datasheet HTML 205Page - Renesas Technology Corp 4501 Datasheet HTML 206Page - Renesas Technology Corp 4501 Datasheet HTML 207Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 212 page
background image
3.3 List of precautions
3-34
Rev.2.01
Feb 07, 2005
4501 Group
APPENDIX
REJ09B0192-0201
3.3.9 Notes on oscillation control
(1)
Clock control
Execute the CMCK or the CRCK instruction in the initial setting routine of program (executing it in
address 0 in page 0 is recommended).
The oscillation circuit by the CMCK or CRCK instruction can be selected only at once. The oscillation
circuit corresponding to the first executed one of these two instructions is valid. Other oscillation
circuits and the on-chip oscillator stop.
(2)
On-chip oscillator
The clock frequency of the on-chip oscillator depends on the supply voltage and the operation
temperature range.
Be careful that variable frequencies when designing application products.
Also, the oscillation stabilize wait time after system is released from reset is generated by the on-
chip oscillator clock. When considering the oscillation stabilize wait time after system is released
from reset, be careful that the variable frequency of the on-chip oscillator clock.
(3)
External clock
When the external signal clock is used as the source oscillation (f(XIN)), note that the RAM back-up
mode (POF and POF2 instructions) cannot be used.
(4)
Value of a part connected to an oscillator
Values of a capacitor and a resistor of the oscillation circuit depend on the connected oscillator and
the board. Accordingly, consult the oscillator manufacturer for values of each part connected the
oscillator.
3.3.10 Electric Characteristic Differences Between Mask ROM and One Time PROM Version MCU
There are differences in electric characteristics, operation margin, noise immunity, and noise radiation
between Mask ROM and One Time PROM version MCUs due to the difference in the manufacturing
processes.
When manufacturing an application system with the One time PROM version and then switching to use of
the Mask ROM version, please perform sufficient evaluations for the commercial samples of the Mask ROM
version.
3.3.11 Note on Power Source Voltage
When the power source voltage value of a microcomputer is less than the value which is indicated as the
recommended operating conditions, the microcomputer does not operate normally and may perform unstable
operation.
In a system where the power source voltage drops slowly when the power source voltage drops or the
power supply is turned off, reset a microcomputer when the supply voltage is less than the recommended
operating conditions and design a system not to cause errors to the system by this unstable operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com