Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 210 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 210 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 204Page - Renesas Technology Corp 4501 Datasheet HTML 205Page - Renesas Technology Corp 4501 Datasheet HTML 206Page - Renesas Technology Corp 4501 Datasheet HTML 207Page - Renesas Technology Corp 4501 Datasheet HTML 208Page - Renesas Technology Corp 4501 Datasheet HTML 209Page - Renesas Technology Corp 4501 Datasheet HTML 210Page - Renesas Technology Corp 4501 Datasheet HTML 211Page - Renesas Technology Corp 4501 Datasheet HTML 212Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 210 / 212 page
background image
3.5 Package outline
3-41
4501 Group
APPENDIX
Rev.2.01
Feb 07, 2005
REJ09B0192-0201
3.5 Package outline
2.
1.
DIMENSIONS "
*1" AND "*2"
DO NOT INCLUDE MOLD FLASH.
NOTE)
DIMENSION "
*3" DOES NOT
INCLUDE TRIM OFFSET.
1.42
1.12
bp
A1
HE
y0.1
e
1.27
c
0
°
8
°
L
0.4
0.6
0.8
00.1
0.2
A2.1
7.5
7.8
8.1
A2
1.8
E5.2
5.3
5.4
D
12.5
12.6
12.7
Reference
Symbol
Dimension in Millimeters
Min
Nom
Max
0.35
0.4
0.5
0.18
0.2
0.25
P-SOP20-5.3x12.6-1.27
0.3g
MASS[Typ.]
20P2N-A
PRSP0020DA-A
RENESAS Code
JEITA Package Code
Previous Code
Detail F
A2
A1
y
Index mark
*2
*3
1
10
11
20
F
e
bp
c
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com