Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 33Page - Renesas Technology Corp 7477 Datasheet HTML 34Page - Renesas Technology Corp 7477 Datasheet HTML 35Page - Renesas Technology Corp 7477 Datasheet HTML 36Page - Renesas Technology Corp 7477 Datasheet HTML 37Page - Renesas Technology Corp 7477 Datasheet HTML 38Page - Renesas Technology Corp 7477 Datasheet HTML 39Page - Renesas Technology Corp 7477 Datasheet HTML 40Page - Renesas Technology Corp 7477 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 361 page
background image
HARDWARE
1.9 Memory allocation
7470/7471/7477/7478 GROUP USER’S MANUAL
1-30
1.9 Memory allocation
Figure 1.9.1 and Figure 1.9.2 show the memory allocation of 7470/7471/7477/7478 group.
The memories, I/Os and others located in the access area are explained below.
q RAM
An internal RAM is located in each area shown in Table 1.9.1. The internal RAM is used as a data
storage area and a stack area for subroutine call and interrupt occurrence.
When the RAM is used as a stack area, be careful about subroutine nesting depth and interrupt levels
so that the data in the RAM is not destroyed.
q Special function register (SFR) (Addresses 00C016 to 00FF16)
The area from addresses 00C016 to 00FF16 is assigned to the SFR (Special Function Register).
Various control registers such as I/O ports, timers, serial I/Os, A-D converters and interrupts are
located in this SFR.
Figure 1.9.3 shows the special function register (SFR)memory map.
q ROM
An internal ROM is located in each area shown in Table 1.9.2.
The internal ROM is used to store data tables and programs. In the internal ROM, a vector area to
store jump destination addresses upon a reset or occurrence of interrupt are assigned to addresses
FFEA16 to FFFF16 in the 7470/7471 group and to addresses FFE816 to FFFF16 in the 7477/7478 group.
Figure 1.9.4 shows the interrupt vector memory map.
Table 1.9.1 RAM area
Table 1.9.2 ROM area
Product
M3747xM2
M3747xM4/E4
M3747xM8/E8
Range
Addresses 000016 to 007F16
Addresses 000016 to 00BF16
Addresses 000016 to 00BF16, Addresses 010016 to 01BF16
Memory size
128 ! 8-bit
192 ! 8-bit
384 ! 8-bit
Product
M3747xM2
M3747xM4
M3747xE4
M3747xM8
M3747xE8
Memory size
04K ! 8-bit
08K ! 8-bit
16K ! 8-bit
Memory type
Mask ROM
Mask ROM
Programmable ROM
Mask ROM
Programmable ROM
Range
Addresses F00016 to FFFF16
Addresses E00016 to FFFF16
Addresses C00016 to FFFF16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com