Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 83Page - Renesas Technology Corp 7477 Datasheet HTML 84Page - Renesas Technology Corp 7477 Datasheet HTML 85Page - Renesas Technology Corp 7477 Datasheet HTML 86Page - Renesas Technology Corp 7477 Datasheet HTML 87Page - Renesas Technology Corp 7477 Datasheet HTML 88Page - Renesas Technology Corp 7477 Datasheet HTML 89Page - Renesas Technology Corp 7477 Datasheet HTML 90Page - Renesas Technology Corp 7477 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
1-80
HARDWARE
1.12 Timers
1.12.4 Updating of contents of Timer and Timer latch
After data is written to the Timer, the contents of the Timer and the Timer latch are updated.
2 Timer 1 and Timer 2
When data is written to the Timer, this data is set in the Timer and the Timer latch at the same time.
As a result, after data is written to the Timer which is in count operation, the count period becomes
invalid.
Figure 1.12.8 shows an example of updating of the contents of Timer 1, Time 2 and Timer latch.
Fig. 1.12.8 Example of updating of Timer 1, Timer 2 and Timer latch
(n-1)16
FF16
RL
RL
RL
OF
(m-1)16
A
A
A
OF
OF
m16
• OF: Overflow
• RL: Reload
• n: Timer 1 initial value before updating
• m: Timer 1 initial value after updating
Writing “m16” to timer 1
Example of updating of Timer 1
Timer 1 interrupt
request bit
Timer 1 interrupt
enable bit
Time
• Clearing by writing “0” to the Timer 1 interrupt request bit.
• Clearing by accepting the Timer 1 interrupt request when the Timer 1 interrupt enable bit is “1.”
A :
Incorrect count period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com