| Electronic Components Datasheet Search |
|
7477 Datasheet(PDF) 40 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7477 Datasheet(HTML) 40 Page - Renesas Technology Corp |
|
40 / 361 page ![]() 7470/7471/7477/7478 GROUP USER’S MANUAL HARDWARE 1.9 Memory allocation 1-33 Fig. 1.9.3 Special function register (SFR) memory map 00E016 00E116 00E216 00E316 00E416 00E516 00E616 00E716 00E816 00E916 00EA16 00EB16 00EC16 00ED16 00EE16 00EF16 00C016 00C116 00C216 00C316 00C416 00C516 00C616 00C716 00C816 00C916 00CA16 00CB16 00CC16 00CD16 00CE16 00CF16 Port P0 Port P1 Port P2 Port P3 Port P4 Port P5 (Note 2) Transmit/receive buffer register Serial I/O control register Baud rate generator Port P0 direction register Port P1 direction register Port P2 direction register (Note 1) Port P4 direction register Serial I/O status register UART control register 00F016 00F116 00F216 00F316 00F416 00F516 00F616 00F716 00F816 00F916 00FA16 00FB16 00FC16 00FD16 00FE16 00FF16 00D016 00D116 00D216 00D316 00D416 00D516 00D616 00D716 00D816 00D916 00DA16 00DB16 00DC16 00DD16 00DE16 00DF16 Port P0 pull-up control register Edge polarity selection register Input latch register A-D conversion register Serial I/O mode register Serial I/O counter Timer 1 Timer 3 Timer 12 mode register Timer mode register 2 Interrupt request register 1 Interrupt control register 1 Port P1-P5 pull-up control register (Note 3) A-D control register Serial I/O register Timer 2 Timer 4 Timer FF register Timer 34 mode register CPU mode register Interrupt request register 2 Interrupt control register 2 Byte counter (Note 5) (Note 4) Notes 1: In the 7477/7478 group, this register is not located. 2: In the 7470/7477 group, this register is not located. 3: This address is allocated P1-P4 pull-up control register for the 7470/7477 group. 4: In the 7477/7478 group, this register is not located. 5: In the 7470/7471 group, this register is not located. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |