Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 82Page - Renesas Technology Corp 7477 Datasheet HTML 83Page - Renesas Technology Corp 7477 Datasheet HTML 84Page - Renesas Technology Corp 7477 Datasheet HTML 85Page - Renesas Technology Corp 7477 Datasheet HTML 86Page - Renesas Technology Corp 7477 Datasheet HTML 87Page - Renesas Technology Corp 7477 Datasheet HTML 88Page - Renesas Technology Corp 7477 Datasheet HTML 89Page - Renesas Technology Corp 7477 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 361 page
background image
1-79
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.12 Timers
[Setting method]
1 The count operation of a timer to be used is stopped.
Refer to “Table 1.12.2 Setting for count stop.”
2 Port P13 is put into the output mode by setting bit 3 of the port P1 direction register (address
00C116) to “1.”
3 Select a count source of Timer 3 and Timer 4. However, don't select the Timer 3 overflow signal
as a count source of Timer 4.
Refer to “Table 1.12.5 Setting for Timer 3 count source” and “Table 1.12.6 Setting for Timer
4 count source.”
4 Set the bit 7 of the Timer 34 mode register to “1.”
5 Set a value in the timer.
Refer to “Table 1.12.7 Address allocation of timer.”
6 Set the bit 7 of the Timer mode register 2 to “1.”
7 The count operation of a timer to be used is started.
Refer to “Table 1.12.8 Count start setting.”
Note: When the PWM mode is started from another mode, the PWM waveform starts with the “L”
state.
1.12.3 Input latch function
There is a function which latches the levels of the INT0, INT1, CNTR0 and CNTR1 pins to the input latch
register when Timer 4 overflows. Using this function permits knowing the level of each pin accurately the
moment when a Timer 4 overflow occurs. The polarity of each pin is selected by the edge polarity
selection register, the level or the reverse level of each pin are latched to the Input latch register.
Table 1.12.13 shows the Edge polarity selection register setting related to the input latch.
Table 1.12.13 Edge polarity selection register setting
Latched contents
INT0 pin level
Reverse level on INT0 pin
INT1 pin level
Reverse level on INT1 pin
CNTR0 pin level
Reverse level on CNTR0 pin
CNTR1 pin level
Reverse level on CNTR1 pin
Input latch register
(ILR: Address 00D616)
b0
b1
b2
b3
Edge polarity selection register
(EG: Address 00D416)
b3
–
–
–
1
0
b2
–
–
1
0
–
b1
–
1
0
–
–
b0
1
0
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com